Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST45LF010-10-4C-SA Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST45LF010-10-4C-SA
Description  1 Mbit Serial Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45LF010-10-4C-SA Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST45LF010-10-4C-SA Datasheet HTML 4Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 5Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 9Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 10Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 11Page - Silicon Storage Technology, Inc SST45LF010-10-4C-SA Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Data Sheet
1 Mbit Serial Flash
SST45LF010
©2003 Silicon Storage Technology, Inc.
S71128-04-000
3/03
372
FIGURE 3: AC INPUT/OUTPUT REFERENCE WAVEFORMS
FIGURE 4: A TEST LOAD EXAMPLE
372 ILL F02.2
REFERENCE POINTS
OUTPUT
INPUT
VIT
VIHT
VILT
VOT
AC test inputs are driven at VIHT (0.9 VDD) for a logic “1” and VILT (0.1 VDD) for a logic “0”. Measurement reference points
for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall times (10%
90%) are <5 ns.
Note: VIT - VINPUT Test
VOT - VOUTPUT Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test
372 ILL F03.2
TO TESTER
TO DUT
CL


Similar Part No. - SST45LF010-10-4C-SA

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST45LF010-10-4C-SA SST-SST45LF010-10-4C-SA Datasheet
181Kb / 14P
   1 Megabit Serial Flash
More results

Similar Description - SST45LF010-10-4C-SA

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010_06 Datasheet
303Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010A SST-SST25VF010A Datasheet
292Kb / 25P
   1 Mbit SPI Serial Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Eon Silicon Solution In...
EN25P10 EON-EN25P10 Datasheet
385Kb / 31P
   1 Mbit Uniform Sector, Serial Flash Memory
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Renesas Technology Corp
AT25EU0011A RENESAS-AT25EU0011A Datasheet
2Mb / 58P
   1-Mbit, Ultra-Low Energy Serial Flash Memory
May 19, 2022
logo
Dialog Semiconductor
AT25EU0011A DIALOG-AT25EU0011A Datasheet
1Mb / 62P
   1-Mbit, Ultra-Low Energy Serial Flash Memory
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
   512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com