Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESM-2410 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # ESM-2410
Description  Geode GX1 SOM-144 CPU Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ESM-2410 Datasheet(HTML) 1 Page - Advanced Micro Devices

  ESM-2410 Datasheet HTML 1Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
w
w
w
.
e
v
a
l
u
e
-
t
e
c
h
.
c
o
m
1-20
Specifications
A p p l i e d
c o m p u t i n g
s o l u t i o n s
1-21
SOM
3.5"
5.25"
MB
PC/104
FS
HS
IPC
NA
Barebone
PPC
DVR
APPX
Specifications
ESM-2410 AMDGeodeGX1SOM-144CPUModule
System
• Form Factor
2.5" HDD size
• CPU
AMD Geode GX1 300 MHz
Note: Available in different CPU speeds by request
• BIOS
Award 256 KB Flash BIOS
• System Chipset
AMD Geode GX1/CS5530A
• I/O Chip
Winbond W83977F-A
• System Memory
One 144-pin SODIMM socket supports up to 256 MB
SDRAM
• Watchdog Timer
Reset/IRQx; 16 sec.~127 min. and 30 sec./step
• Expansion
Three PCI Master bus
I/O
• MIO
2 x EIDE (Ultra DMA 33), 1 x FDD/LPT, 2 x TTL serial,
1 x K/B, 1 x Mouse
• IrDA
115k bps, IrDA 1.0 compliant
• USB
2 x USB 1.0 ports
Display
• Chipset
AMD Geode GX1 with integrated 2D graphics engine
• Display Memory
1/2/4 MB frame buffer using system memory
• Resolution
CRT mode: 1280 x 1024 @ 8 bpp (60 Hz)
LCD/Simultaneous mode: 1024 x 768 @ 16 bpp (60 Hz)
• VGA/LCD Interface
PCI bus VGA/LCD interface
Supports 9/12/18-bit TFT panels
Audio
• Chipset
AMD Geode CS5530A
• AC97 Interface
Supports AC97 specification Rev. 1.3/2.0/2.1 and above
• Note
The AC97 Codec must have SRC (sample rate
conversion) supported
Mechanical & Environmental
• Power Requirement
+5 V @ 1.5 A (with AMD Geode GX1 300 MHz
& 128 MB SDRAM)
• Power Type
AT/ATX
• Operating Temperature 0~60°C (32~140°F)
• Operating Humidity
0%~90% relative humidity, noncondensing
• Size (L x W)
3.9" x 2.7" (100 mm x 68 mm)
• Weight
0.22 lbs (0.1Kg)
Features
n
Onboard AMD Geode GX1 300 MHz CPU
n
AMD Geode CS5530A Chipset
n
18-bit TFT
n
AC97 Audio
n
2 COM, 2 USB 1.0
n
Fanless Operation
Supported Baseboard
• EAP-1431
SOM-144 Application Platform for Firewall
• EAP-1432
SOM-144 Application Platform for Wireless Gateway
• EEV-1401
SOM-144 Evaluation Carrier Board
Ordering Information
• ESM-2410
AMD Geode GX1 300 MHz SOM-144 Module
18-bit TTL LCD
AMD Geode
CS5530A Chipset
1 SODIMM up to
256 MB SDRAM
Onboard AMD Geode
GX1 300 MHz CPU
Fanless
18-bit
TFT
Audio
2 COM
2 USB


Similar Part No. - ESM-2410

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-240S105BX INVENTRONICS-ESM-240S105BX Datasheet
864Kb / 14P
   240W NFC Driver with DALI-2 and D4i
Rev.C
ESM-240S105DX INVENTRONICS-ESM-240S105DX Datasheet
728Kb / 13P
   240W Programmable IP66/IP67 Driver
Rev.C
ESM-240S105LX INVENTRONICS-ESM-240S105LX Datasheet
853Kb / 16P
   240W NFC Driver with INV Digital Dimming
Rev.D
ESM-240S105MX INVENTRONICS-ESM-240S105MX Datasheet
720Kb / 15P
   240W Programmable Driver with INV Digital Dimming
Rev.F
ESM-240S150BX INVENTRONICS-ESM-240S150BX Datasheet
864Kb / 14P
   240W NFC Driver with DALI-2 and D4i
Rev.C
More results

Similar Description - ESM-2410

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-2355 ADVANTECH-SOM-2355 Datasheet
330Kb / 2P
   AMD Geode??LX800 CPU SOM-144 Module with CPU, VGA/LCD, LAN
logo
AAEON Technology
PCM-4896L AAEON-PCM-4896L Datasheet
452Kb / 1P
   AMD Geode GX1 Processor
PCM-4896 AAEON-PCM-4896 Datasheet
380Kb / 1P
   AMD Geode GX1 Processor
HSB-460I AAEON-HSB-460I Datasheet
630Kb / 1P
   AMD Geode GX1 Processor
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
GENE-4312 AAEON-GENE-4312 Datasheet
385Kb / 1P
   AMD Geode GX1 Processor
logo
List of Unclassifed Man...
ECP-5414 ETC-ECP-5414 Datasheet
194Kb / 1P
   AMD Geode??GX1 Communication Platform
logo
Advantech Co., Ltd.
SOM-4455 ADVANTECH-SOM-4455_15 Datasheet
578Kb / 2P
   AMD Geode??LX800 ETX CPU Module
SOM-4455 ADVANTECH-SOM-4455 Datasheet
299Kb / 2P
   AMD Geode??LX800 ETX CPU Module
SOM-4455 ADVANTECH-SOM-4455_12 Datasheet
1Mb / 2P
   AMD Geode??LX800 ETX CPU Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com