Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VP232 Datasheet(PDF) 3 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 3 Page - Texas Instruments

  VP232 Datasheet HTML 1Page - Texas Instruments VP232 Datasheet HTML 2Page - Texas Instruments VP232 Datasheet HTML 3Page - Texas Instruments VP232 Datasheet HTML 4Page - Texas Instruments VP232 Datasheet HTML 5Page - Texas Instruments VP232 Datasheet HTML 6Page - Texas Instruments VP232 Datasheet HTML 7Page - Texas Instruments VP232 Datasheet HTML 8Page - Texas Instruments VP232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
TERMINAL FUNCTIONS
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
DRIVER (SN65HVD232)(1)
OUTPUTS
INPUT D
BUS STATE
CANH
CANL
L
H
L
Dominant
H
Z
Z
Recessive
Open
Z
Z
Recessive
(1)
H = high level; L = low level; Z = high impedance
RECEIVER (SN65HVD230)(1)
DIFFERENTIAL INPUTS
RS
OUTPUT R
VID ≥ 0.9 V
X
L
0.5 V < VID < 0.9 V
X
?
VID ≤ 0.5 V
X
H
Open
X
H
(1)
H = high level; L = low level; X = irrelevant; ? = indeterminate
RECEIVER (SN65HVD231)(1)
DIFFERENTIAL INPUTS
RS
OUTPUT R
VID ≥ 0.9 V
L
0.5 V < VID < 0.9 V
V(Rs) < 1.2 V
?
VID ≤ 0.5 V
H
X
V(Rs) > 0.75 VCC
H
X
1.2 V < V(Rs) < 0.75 VCC
?
Open
X
H
(1)
H = high level; L = low level; X = irrelevant; ? = indeterminate
RECEIVER (SN65HVD232)(1)
DIFFERENTIAL INPUTS
OUTPUT R
VID ≥ 0.9 V
L
0.5 V < VID < 0.9 V
?
VID ≤ 0.5 V
H
Open
H
(1)
H = high level; L = low level; X = irrelevant; ? = indeterminate
TRANSCEIVER MODES (SN65HVD230, SN65HVD231)
V(Rs)
OPERATING MODE
V(Rs) > 0.75 VCC
Standby
10 k
Ω to 100 kΩ to ground
Slope control
V(Rs) < 1 V
High speed (no slope control)
TERMINAL
DESCRIPTION
NAME
NO.
SN65HVD230, SN65HVD231
CANL
6
Low bus output
CANH
7
High bus output
D
1
Driver input
GND
2
Ground
R
4
Receiver output
3
Submit Documentation Feedback


Similar Part No. - VP232

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
VP2320N1 ISC-VP2320N1 Datasheet
295Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - VP232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com