Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH-141 Datasheet(PDF) 2 Page - Tyco Electronics

Part # JH-141
Description  High Frequency Quadrature Hybrid, 1 - 2 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JH-141 Datasheet(HTML) 2 Page - Tyco Electronics

  JH-141_1 Datasheet HTML 1Page - Tyco Electronics JH-141_1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Frequency Quadrature Hybrid,
1 - 2 GHz
JH-141
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
Typical Performance Curves
Ordering Information
Part Number
Package
JH-141 PIN
FP-2


Similar Part No. - JH-141_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-141PIN MACOM-JH-141PIN Datasheet
122Kb / 2P
   High-Frequency Quadrature Hybrid 1 - 2 GHz
logo
M/A-COM Technology Solu...
JH-141PIN MA-COM-JH-141PIN Datasheet
73Kb / 2P
   High Frequency Quadrature Hybrid, 1 - 2 GHz
More results

Similar Description - JH-141_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-141 MACOM-JH-141 Datasheet
122Kb / 2P
   High-Frequency Quadrature Hybrid 1 - 2 GHz
logo
M/A-COM Technology Solu...
JH-141 MA-COM-JH-141 Datasheet
73Kb / 2P
   High Frequency Quadrature Hybrid, 1 - 2 GHz
JH-140 MA-COM-JH-140 Datasheet
68Kb / 2P
   High Frequency Quadrature Hybrid
JH-141 MA-COM-JH-141 Datasheet
73Kb / 2P
   High Frequency Quadrature Hybrid
logo
Tyco Electronics
JH-140 MACOM-JH-140 Datasheet
122Kb / 2P
   High-Frequency Quadrature Hybrid 500 - 1000 MHz
JH-140 MACOM-JH-140_1 Datasheet
127Kb / 2P
   High Frequency Quadrature Hybrid, 500 - 1000 MHz
logo
M/A-COM Technology Solu...
JH-140 MA-COM-JH-140 Datasheet
68Kb / 2P
   High Frequency Quadrature Hybrid, 500 - 1000 MHz
logo
Agere Systems
W3011 AGERE-W3011 Datasheet
199Kb / 12P
   1 GHz Quadrature Modulator
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
   1 GHz QUADRATURE MODULATOR
logo
M/A-COM Technology Solu...
JH-6-4 MA-COM-JH-6-4 Datasheet
69Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com