Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2A23D30 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RN2A23D30
Description  Solid State Relays 1- and 2 Pole SOLITRON With Integrated Heatsink
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN2A23D30 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RN2A23D30 Datasheet HTML 1Page - List of Unclassifed Manufacturers RN2A23D30 Datasheet HTML 2Page - List of Unclassifed Manufacturers RN2A23D30 Datasheet HTML 3Page - List of Unclassifed Manufacturers RN2A23D30 Datasheet HTML 4Page - List of Unclassifed Manufacturers RN2A23D30 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice (08.05.2002)
2-89
General Specifications
RN..23...
RN..48...
Operational voltage range
24 to 265 VAC
42 to 530 VAC
Non-rep. peak voltage
800 Vp
1200 Vp
Varistor voltage
275 VAC
510 VAC
Operational frequency range
45 to 65 Hz
45 to 65 Hz
Power factor at rated voltage
≥ 0.5
≥ 0.5
Approvals
UL, cUL, CSA
UL, cUL, CSA
CE-marking
Yes
Yes
Norms fulfilled
HD 419.2S1
Low-voltage controlgear semiconductor contactors
EN 50082-2
Generic Immunity Standard. Industrial Environment
Input Specifications
RN....D
RN....A..
Rated control voltage range
RN1
5 to 32 VDC
24 to 265 VAC/DC
RN2
2 x 5 to 32 VDC
2 x 24 to 265 VAC/DC
Pick-up voltage
4 VDC
14 VAC/DC
Drop-out voltage
3 VDC
6 VAC/DC
Reverse voltage max.
32 VDC
-
Input current
RN1
< 9 mA
< 12 mA
RN2
< 9 mA per pole
< 12 mA per pole
Response time
Pick-up time max. (50 Hz)
RN1A
10 ms
20 ms
RN.B
< 1 ms
-
Drop-out time max. (50 Hz)
RN.A
10 ms
20 ms
RN.B
10 ms
-
Input-ON indication (LED, green)
Yes
Yes
Output Specifications
RN.....30
RN.....50
RN.....63
Rated operational current
RN1A.. AC51
@Ta=30°C
30 A
50 A
63 A
@Ta=40°C
30 A
50 A
50 A
@Ta=50°C
23 A
38 A
40 A
@Ta=60°C
20 A
30 A
30 A
AC53a
@Ta=40°C
6 A
12 A
24 A
RN2A.. AC51
@Ta=30°C
30 A total sum
50 A total sum
-
@Ta=40°C
30 A total sum
50 A total sum
-
@Ta=50°C
23 A total sum
38 A total sum
-
@Ta=60°C
20 A total sum
30 A total sum
-
AC53a
@Ta=40°C
6 A
12 A
-
Zero crossing detection
Yes
Yes
Yes
Min. operational current
200 mA
200 mA
200 mA
Rep. overload current t=1 s
(Tj init.=25°C)
55 AACrms
125 AACrms
150 AACrms
Non-rep. surge current t=10 ms
(Tj init.=25°C)
250 Ap
600 Ap
1000 Ap
Off-state leakage current,
@ rated voltage and frequency
(Tj.=125°C, max.)
< 1 mA
< 1 mA
< 1 mA
I2t for fusing t=1 to 10 ms
310 A2s
1800 A2s
5000 A2s
Critical dV/dt off-state
500 V/µs
500 V/µs
500 V/µs
RN 1 A 23 A 50


Similar Part No. - RN2A23D30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN20 VISHAY-RN20 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
Toshiba Semiconductor
RN2001 TOSHIBA-RN2001 Datasheet
254Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2002 TOSHIBA-RN2002 Datasheet
254Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2003 TOSHIBA-RN2003 Datasheet
254Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2004 TOSHIBA-RN2004 Datasheet
254Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN2A23D30

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOR86707WF CELDUC-SOR86707WF Datasheet
590Kb / 6P
   Power Solid State Relay with integrated heatsink
logo
PHOENIX CONTACT
EMG30I PHOENIX-EMG30I Datasheet
44Kb / 2P
   VARIOFACE 2-channel module with solid state relays
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
   1 Form A Solid-State Relays
March 21, 2001-14
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com