Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD230DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD230DR
Description  3.3-V CAN TRANSCEIVERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD230DR Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD230DR Datasheet HTML 1Page - Texas Instruments SN65HVD230DR Datasheet HTML 2Page - Texas Instruments SN65HVD230DR Datasheet HTML 3Page - Texas Instruments SN65HVD230DR Datasheet HTML 4Page - Texas Instruments SN65HVD230DR Datasheet HTML 5Page - Texas Instruments SN65HVD230DR Datasheet HTML 6Page - Texas Instruments SN65HVD230DR Datasheet HTML 7Page - Texas Instruments SN65HVD230DR Datasheet HTML 8Page - Texas Instruments SN65HVD230DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
www.ti.com
DESCRIPTION
FUNCTION TABLES
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The SN65HVD230, SN65HVD231, and SN65HVD232 controller area network (CAN) transceivers are designed
for use with the Texas Instruments TMS320Lx240x™; 3.3-V DSPs with CAN controllers, or with equivalent
devices. They are intended for use in applications employing the CAN serial communication physical layer in
accordance with the ISO 11898 standard. Each CAN transceiver is designed to provide differential transmit
capability to the bus and differential receive capability to a CAN controller at speeds up to 1 Mbps.
Designed for operation in especially-harsh environments, these devices feature cross-wire protection,
loss-of-ground and overvoltage protection, overtemperature protection, as well as wide common-mode range.
The transceiver interfaces the single-ended CAN controller with the differential CAN bus found in industrial,
building automation, and automotive applications. It operates over a -2-V to 7-V common-mode range on the
bus, and it can withstand common-mode transients of
±25 V.
On the SN65HVD230 and SN65HVD231, pin 8 provides three different modes of operation: high-speed, slope
control, and low-power modes. The high-speed mode of operation is selected by connecting pin 8 to ground,
allowing the transmitter output transistors to switch on and off as fast as possible with no limitation on the rise
and fall slopes. The rise and fall slopes can be adjusted by connecting a resistor to ground at pin 8, since the
slope is proportional to the pin's output current. This slope control is implemented with external resistor values of
10 k
Ω, to achieve a 15-V/µs slew rate, to 100 kΩ, to achieve a 2-V/µs slew rate. See the Application Information
section of this data sheet.
The circuit of the SN65HVD230 enters a low-current standby mode during which the driver is switched off and
the receiver remains active if a high logic level is applied to pin 8. The DSP controller reverses this low-current
standby mode when a dominant state (bus differential voltage > 900 mV typical) occurs on the bus.
The unique difference between the SN65HVD230 and the SN65HVD231 is that both the driver and the receiver
are switched off in the SN65HVD231 when a high logic level is applied to pin 8 and remain in this sleep mode
until the circuit is reactivated by a low logic level on pin 8.
The Vref pin 5 on the SN65HVD230 and SN65HVD231 is available as a VCC/2 voltage reference.
The SN65HVD232 is a basic CAN transceiver with no added options; pins 5 and 8 are NC, no connection.
AVAILABLE OPTIONS(1)
INTEGRATED SLOPE
PART NUMBER
LOW POWER MODE
Vref PIN
TA
MARKED AS:
CONTROL
SN65HVD230
Standby mode
Yes
Yes
VP230
SN65HVD231
Sleep mode
Yes
Yes
VP231
40
°C to 85°C
No standby or sleep
SN65HVD232
No
No
VP232
mode
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
DRIVER (SN65HVD230, SN65HVD231)(1)
OUTPUTS
INPUT D
RS
BUS STATE
CANH
CANL
L
H
L
Dominant
V(Rs) < 1.2 V
H
Z
Z
Recessive
Open
X
Z
Z
Recessive
X
V(Rs) > 0.75 VCC
Z
Z
Recessive
(1)
H = high level; L = low level; X = irrelevant; ? = indeterminate; Z = high impedance
2
Submit Documentation Feedback


Similar Part No. - SN65HVD230DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230D TI-SN65HVD230D Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD230DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com