Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD230DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD230DR
Description  3.3-V CAN TRANSCEIVERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD230DR Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD230DR Datasheet HTML 1Page - Texas Instruments SN65HVD230DR Datasheet HTML 2Page - Texas Instruments SN65HVD230DR Datasheet HTML 3Page - Texas Instruments SN65HVD230DR Datasheet HTML 4Page - Texas Instruments SN65HVD230DR Datasheet HTML 5Page - Texas Instruments SN65HVD230DR Datasheet HTML 6Page - Texas Instruments SN65HVD230DR Datasheet HTML 7Page - Texas Instruments SN65HVD230DR Datasheet HTML 8Page - Texas Instruments SN65HVD230DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
www.ti.com
FEATURES
APPLICATIONS
D
GND
VCC
R
RS
CANH
CANL
Vref
SN65HVD230D
(Marked as VP230)
SN65HVD231D (Marked as VP231)
(TOP VIEW)
1
2
3
4
8
7
6
5
NC – No internal connection
D
GND
VCC
R
NC
CANH
CANL
NC
SN65HVD232D (Marked as VP232)
(TOP VIEW)
1
2
3
4
8
7
6
5
LOGIC DIAGRAM (POSITIVE LOGIC)
CANL
CANH
R
D
1
4
7
6
SN65HVD230, SN65HVD231
Logic Diagram (Positive Logic)
RS
8
Vref
5
3
VCC
CANL
CANH
R
D
1
4
7
6
SN65HVD232
Logic Diagram (Positive Logic)
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
3.3-V CAN TRANSCEIVERS
Motor Control
Operates With a 3.3-V Supply
Industrial Automation
Low Power Replacement for the PCA82C250
Basestation Control and Status
Footprint
Robotics
Bus/Pin ESD Protection Exceeds 16 kV HBM
Automotive
High Input Impedance Allows for 120 Nodes
UPS Control
on a Bus
Controlled Driver Output Transition Times for
Improved Signal Quality on the SN65HVD230
and SN65HVD231
Unpowered Node Does Not Disturb the Bus
Compatible With the Requirements of the ISO
11898 Standard
Low-Current SN65HVD230 Standby Mode
370
µA Typical
Low-Current SN65HVD231 Sleep Mode 40 nA
Typical
Designed for Signaling Rates(1) up to 1
Megabit/Second (Mbps)
Thermal Shutdown Protection
Open-Circuit Fail-Safe Design
Glitch-Free Power-Up and Power-Down
Protection for Hot-Plugging Applications
(1)
The signaling rate of a line is the number of voltage
transitions that are made per second expressed in the units
bps (bits per second).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TMS320Lx240x is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD230DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230D TI-SN65HVD230D Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD230DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com