Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD56120 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSD56120
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSD56120 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSD56120 Datasheet HTML 6Page - STMicroelectronics TSD56120 Datasheet HTML 7Page - STMicroelectronics TSD56120 Datasheet HTML 8Page - STMicroelectronics TSD56120 Datasheet HTML 9Page - STMicroelectronics TSD56120 Datasheet HTML 10Page - STMicroelectronics TSD56120 Datasheet HTML 11Page - STMicroelectronics TSD56120 Datasheet HTML 12Page - STMicroelectronics TSD56120 Datasheet HTML 13Page - STMicroelectronics TSD56120 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Test circuit
SD56120
10/15
Table 6.
860MHz test circuit component part list
Component
Description
C32
.6 - 4.5 pF VARIABLE CAPACITOR
C31, C28
.01
µF ATC 200B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C29, C30
62 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C27, C22
270 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C26, C21
1200 pF ATC 700B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C25 ,C20
0.1
µF 500V SURFACE MOUNT CERAMIC CHIP CAPACITOR
C24, C19, C17, C16
10
µF 50V ALUMINUM ELECTROLYTIC RADIAL LEAD SURFACE MOUNT
CAPACITOR
C23, C18
100
µF 63V ALUMINUM ELECTROLYTIC RADIAL LEAD CAPACITOR
C15, C14, C13, C12 47 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C11
0.8 - 8 pF GIGATRIM VARIABLE CAPACITOR
C10
3.0 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C9, C8
4.3 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C7, C6, C5
10 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C4
2.0 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C3, C2
20 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
C1
1.3 pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR
R7, R8
100 OHM 1/4 W SURFACE MOUNT CHIP RESISTOR
R6, R3
22 OHM 1/4 W CARBON LEADED RESISTOR
R5, R2
4.7 OHM 1/4 W CARBON LEADED RESISTOR
R4, R1
82 OHM 1/4 W CARBON LEADED RESISTOR
B2, B1
BALUN, 50 OHM SUCOFORM, OD 0.141 2.37 LG COAXIAL CABLE OR
EQUIVALENT
L2, L1
INDUCTOR, 6 TURN AIR-WOUND #18AWG ID=0.130[3,30] MAGNET WIRE
FB2, FB1
SURFACE MOUNT EMI SHIELD BEAD
PCB
ULTRALAM 2000. 0.030” THK
εr = 2.55, 2 Oz ED CU BOTH SIDES


Similar Part No. - TSD56120

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TSD561 FENGJUI-TSD561 Datasheet
299Kb / 4P
   SMD POWER INDUCTOR-RoHS
More results

Similar Description - TSD56120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57070-E STMICROELECTRONICS-PD57070-E Datasheet
483Kb / 22P
   RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57060-E STMICROELECTRONICS-PD57060-E Datasheet
488Kb / 21P
   RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com