Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18LF4620 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC18LF4620
Description  Clarifications/Corrections
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4620 Datasheet(HTML) 4 Page - Microchip Technology

  PIC18LF4620 Datasheet HTML 1Page - Microchip Technology PIC18LF4620 Datasheet HTML 2Page - Microchip Technology PIC18LF4620 Datasheet HTML 3Page - Microchip Technology PIC18LF4620 Datasheet HTML 4Page - Microchip Technology PIC18LF4620 Datasheet HTML 5Page - Microchip Technology PIC18LF4620 Datasheet HTML 6Page - Microchip Technology PIC18LF4620 Datasheet HTML 7Page - Microchip Technology PIC18LF4620 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PIC18F2525/2620/4525/4620
DS80222B-page 4
© 2005 Microchip Technology Inc.
11. Module: Electrical Characteristics
Parameters D031A and D041A have been added
to Section 26-3 “DC Characteristics”, as shown
below:
12. Module: Electrical Characteristics
In Table 26-1: Memory Programming Require-
ments, parameters D132, D132A, D133 and
D133A have been changed. The changes are
shown in bold:
TABLE 26-1:
MEMORY PROGRAMMING REQUIREMENTS
13. Module: Pinout I/O Descriptions
The QFN column has been removed from Table 1-2:
PIC18F2525/2620 Pinout I/O Descriptions.
The PIC18F2525/2620 devices are not available
in a QFN package.
26.3
DC Characteristics: PIC18F2525/2620/4525/4620 (Industrial)
PIC18LF2525/2620/4525/4620 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D031A
with SMBus buffer
VSS
0.8
V
VIH
Input High Voltage
I/O ports:
D041A
with SMBus buffer
2.1
VDD
V
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Program Flash Memory
D132
VIE
VDD for Block Erase
3.0
5.5
V
Using ICSP™ port, 25°C
D132A VIW
VDD for Externally Timed Erase
or Write
4.5
5.5
V
Using ICSP port, 25°C
D133
TIE
ICSP Block Erase Cycle Time
4
ms
VDD
≥ 4.5V
D133A TIW
ICSP Erase or Write Cycle Time
(externally timed)
1—
ms
VDD
≥ 4.5V, 25°C
D133A TIW
Self-Timed Write Cycle Time
2
ms


Similar Part No. - PIC18LF4620

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF4620 MICROCHIP-PIC18LF4620 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18LF4620-I MICROCHIP-PIC18LF4620-I Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18LF4620-I/P MICROCHIP-PIC18LF4620-I/P Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18LF4620-I/P301 MICROCHIP-PIC18LF4620-I/P301 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
More results

Similar Description - PIC18LF4620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08DE60AD NXP-MC9S08DE60AD Datasheet
180Kb / 4P
   Addendum to MC9S08DE60 Series Data Sheet Clarifications for MC9S08DE60A/32A Devices
Rev. 1, 4/2009
MC9S08DN60AD NXP-MC9S08DN60AD Datasheet
178Kb / 4P
   Addendum to MC9S08DN60 Series Data Sheet Clarifications for MC9S08DN60A/48A/32A/16A Devices
Rev. 1, 4/2009
logo
List of Unclassifed Man...
7703402XA ETC2-7703402XA Datasheet
347Kb / 50P
   Add case outline M. Technical changes and corrections to table I. Editorial changes throughout.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com