Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA890ID Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA890ID
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA890ID Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA890ID Datasheet HTML 5Page - Burr-Brown (TI) OPA890ID Datasheet HTML 6Page - Burr-Brown (TI) OPA890ID Datasheet HTML 7Page - Burr-Brown (TI) OPA890ID Datasheet HTML 8Page - Burr-Brown (TI) OPA890ID Datasheet HTML 9Page - Burr-Brown (TI) OPA890ID Datasheet HTML 10Page - Burr-Brown (TI) OPA890ID Datasheet HTML 11Page - Burr-Brown (TI) OPA890ID Datasheet HTML 12Page - Burr-Brown (TI) OPA890ID Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
www.ti.com
-40
-50
-60
-70
-80
-90
-100
-110
Single-ToneLoadPower(dBm)
-8
-6
-4
-2
0
2
4
6
8
LoadPoweratMatched50
Load
W
10MHz
5MHz
1MHz
-90
-95
-100
-105
-110
-115
-120
Frequency(Hz)
1k
10k
100k
1M
V =2V
O
PP
R =500W
L
G= 1V/V
-
2ndHarmonic
3rdHarmonic
100
10
1
CapacitiveLoad(pF)
1
10
100
1000
9
6
3
0
-3
-6
-9
Frequency(MHz)
0
20
40
60
80
100
120
140
160
180
200
G=+2V/V
750W
R
S
V
IN
V
OUT
1kW
(1)
C
L
750W
NOTE:(1)1k
isoptional.
W
C =100pF
L
C =47pF
L
C =22pF
L
C =10pF
L
OPA890
80
70
60
50
40
30
20
10
0
Frequency(Hz)
1k
10k
100k
1M
10M
100M
-PSRR
CMRR
+PSRR
100
10
1
0.1
Frequency(Hz)
10
100
1k
10k
100k
1M
10M
VoltageNoiseDensity(8nV/
)
ÖHz
CurrentNoiseDensity(1pA/
)
ÖHz
OPA890
SBOS369 – MAY 2007
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At T
A = +25°C, G = +2V/V, RF = 750Ω, and RL = 200Ω, unless otherwise noted.
LOW-FREQUENCY INVERTING HARMONIC DISTORTION
TWO-TONE, 3RD-ORDER INTERMODULATION SPURIOUS
Figure 13.
Figure 14.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 15.
Figure 16.
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
INPUT VOLTAGE AND CURRENT NOISE
Figure 17.
Figure 18.
9
Submit Documentation Feedback


Similar Part No. - OPA890ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA890ID NSC-OPA890ID Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVR NSC-OPA890IDBVR Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVRG4 NSC-OPA890IDBVRG4 Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVT NSC-OPA890IDBVT Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVTG4 NSC-OPA890IDBVTG4 Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA890ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890 NSC-OPA890 Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com