Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTB1615SURKCGKC-F01 Datasheet(PDF) 4 Page - Kingbright Corporation

Part # APTB1615SURKCGKC-F01
Description  1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTB1615SURKCGKC-F01 Datasheet(HTML) 4 Page - Kingbright Corporation

  APTB1615SURKCGKC-F01 Datasheet HTML 1Page - Kingbright Corporation APTB1615SURKCGKC-F01 Datasheet HTML 2Page - Kingbright Corporation APTB1615SURKCGKC-F01 Datasheet HTML 3Page - Kingbright Corporation APTB1615SURKCGKC-F01 Datasheet HTML 4Page - Kingbright Corporation APTB1615SURKCGKC-F01 Datasheet HTML 5Page - Kingbright Corporation APTB1615SURKCGKC-F01 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAF9413
REV NO: V.3
DATE: MAY/07/2007
PAGE: 4 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203002123
Green


Similar Part No. - APTB1615SURKCGKC-F01

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APTB1615SURKCGKC-F01 TO-GRACE-APTB1615SURKCGKC-F01 Datasheet
956Kb / 4P
   1.6 x 1.5 mm Bi-Color SMD Chip LED Lamp
logo
Kingbright Corporation
APTB1615SURKCGKC-F01 KINGBRIGHT-APTB1615SURKCGKC-F01_15 Datasheet
257Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
More results

Similar Description - APTB1615SURKCGKC-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTB1615YSGC-F01 KINGBRIGHT-APTB1615YSGC-F01 Datasheet
342Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APTB1615EYC-F01 TO-GRACE-APTB1615EYC-F01 Datasheet
1Mb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
Kingbright Corporation
APTB1615EYC-F01 KINGBRIGHT-APTB1615EYC-F01 Datasheet
163Kb / 5P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
APTB1615SURKSGC-F01 KINGBRIGHT-APTB1615SURKSGC-F01 Datasheet
156Kb / 5P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
APTB1615SYKQBDW KINGBRIGHT-APTB1615SYKQBDW Datasheet
295Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDKBBA59W-1 SUNLED-ZMDKBBA59W-1 Datasheet
219Kb / 5P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
Kingbright Corporation
APTB1615ESGC-F01 KINGBRIGHT-APTB1615ESGC-F01_15 Datasheet
256Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
APTB1615SYKCGKC-F01 KINGBRIGHT-APTB1615SYKCGKC-F01_15 Datasheet
255Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
SunLED Corporation
ZURMG59W-1 SUNLED-ZURMG59W-1 Datasheet
214Kb / 5P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
logo
Kingbright Corporation
APTB1615SYKCGKC-F01 KINGBRIGHT-APTB1615SYKCGKC-F01 Datasheet
342Kb / 6P
   1.6x1.5mm BI-COLOR SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com