Electronic Components Datasheet Search |
|
ETC1-1-13TR Datasheet(PDF) 1 Page - Tyco Electronics |
|
ETC1-1-13TR Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 2 page E-Series RF 1:1 Transmission Line Transformer 4.5 – 3000 MHz ETC1-1-13 M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information. • North America Tel: 800.366.2266 / Fax: 978.366.2266 • Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 • Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. V4 1 Features • 1:1 Impedance Ratio • Surface Mount • Tape and reel packaging available Description M/A-COM’s ETC1-1-13 is a 1:1 RF transmission line transformer in a low cost, surface mount package. Ideally suited for high volume cellular and wireless applications. Parts are packaged in tape & reel. Ordering Information Part Number Package ETC1-1-13TR Tape and Reel (2000 piece Reel) SM - 22 Package Electrical Specifications: TA = 25°C, Z0 = 50Ω 1 Parameter Test Conditions Frequency Units Min Typ Max RF Frequency — 4.5 - 3000 MHz — — — Insertion Loss FL—fU 4.5 - 1000 1000 - 2000 2000 - 3000 dB dB dB — — — 0.32 — — 1.0 2.0 3.5 Amplitude Unbalance — 4.5 - 1000 dB — — 1.0 Phase Unbalance — 4.5 - 1000 Degrees — — 20 Absolute Maximum Ratings 1 1. Operation of this device above any one of these parameters may cause permanent damage. Parameter Absolute Maximum DC Power 250 mW DC Current 30 mA Operating Temperature -40°C to +85°C Storage Temperature -55°C to +125°C |
Similar Part No. - ETC1-1-13TR |
|
Similar Description - ETC1-1-13TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |