Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP44N06LT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PHP44N06LT
Description  TrenchMOS transistor Logic level FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP44N06LT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PHP44N06LT Datasheet HTML 2Page - NXP Semiconductors PHP44N06LT Datasheet HTML 3Page - NXP Semiconductors PHP44N06LT Datasheet HTML 4Page - NXP Semiconductors PHP44N06LT Datasheet HTML 5Page - NXP Semiconductors PHP44N06LT Datasheet HTML 6Page - NXP Semiconductors PHP44N06LT Datasheet HTML 7Page - NXP Semiconductors PHP44N06LT Datasheet HTML 8Page - NXP Semiconductors PHP44N06LT Datasheet HTML 9Page - NXP Semiconductors PHP44N06LT Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHP44N06LT, PHB44N06LT, PHD44N06LT
Logic level FET
MECHANICAL DATA
Dimensions in mm : Net Mass: 1.4 g
Fig.20. SOT428 : centre pin connected to mounting base.
MOUNTING INSTRUCTIONS
Dimensions in mm
Fig.21. SOT428 : soldering pattern for surface mounting.
Notes
1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent
damage to MOS gate oxide.
2. Epoxy meets UL94 V0 at 1/8".
6.22 max
2.38 max
0.93 max
6.73 max
0.3
10.4 max
0.5
0.8 max
(x2)
2.285 (x2)
0.5
seating plane
1.1
0.5 min
5.4
4 min
4.6
1
2
3
tab
7.0
7.0
2.15
2.5
4.57
1.5
September 1998
9
Rev 1.400


Similar Part No. - PHP44N06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP44N06T PHILIPS-PHP44N06T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
logo
VBsemi Electronics Co.,...
PHP44N06T VBSEMI-PHP44N06T Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - PHP44N06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com