Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMD-C50MTR Datasheet(PDF) 4 Page - Tyco Electronics

Part # ESMD-C50MTR
Description  E-Series Surface Mount Mixer 80 - 2500 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESMD-C50MTR Datasheet(HTML) 4 Page - Tyco Electronics

  ESMD-C50MTR Datasheet HTML 1Page - Tyco Electronics ESMD-C50MTR Datasheet HTML 2Page - Tyco Electronics ESMD-C50MTR Datasheet HTML 3Page - Tyco Electronics ESMD-C50MTR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E-Series Surface Mount Mixer
80 – 2500 MHz
ESMD-C50M
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
4
Spurious Table: 900MHz
(In dBc below IF, assuming down conversion)
nfLO - mfRF
0
X
8
23
15
30
1
18
0
36
12
35
RF
2
58
49
55
52
53
(n)
3
67
68
67
68
67
4
85
84
82
83
83
0
1
2
3
4
LO (m)
Spurious Table: 1800MHz
(In dBc below IF, assuming down conversion)
nfLO - mfRF
0
X
-3
19
32
28
1
19
0
31
17
43
RF
2
54
52
52
48
56
(n)
3
72
65
78
63
68
4
83
83
84
82
84
0
1
2
3
4
LO (m)
RF = 1842.50 MHz, -5dBm
LO = 1772.50 MHz, +13dBm
IF = 70 MHz
RF = 970 MHz, -5dBm
LO = 900 MHz, +13dBm
IF = 70 MHz
Spurious Table: 1900MHz
(In dBc below IF, assuming down conversion)
nfLO - mfRF
0
X
-5
22
13
29
1
16
0
38
17
18
RF
2
26
22
23
26
41
(n)
3
48
38
50
42
38
4
50
55
54
52
55
0
1
2
3
4
LO (m)
RF = 1960 MHz, -5dBm
LO = 1890 MHz, +13dBm
IF = 70 MHz


Similar Part No. - ESMD-C50MTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESMD-C50MTR MACOM-ESMD-C50MTR Datasheet
168Kb / 4P
   E-Series Surface Mount Mixer 80 . 2500 MHz
More results

Similar Description - ESMD-C50MTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMXES0117 MA-COM-MAMXES0117 Datasheet
165Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
Tyco Electronics
ESMD-C50M MACOM-ESMD-C50M Datasheet
168Kb / 4P
   E-Series Surface Mount Mixer 80 . 2500 MHz
ESMD-C50H MACOM-ESMD-C50H_1 Datasheet
162Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
ESMD-C50L MACOM-ESMD-C50L Datasheet
161Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
MAMXES0042 MACOM-MAMXES0042 Datasheet
52Kb / 2P
   E-Series Surface Mount Mixer 80 . 2500 MHz
ESMD-C50H MACOM-ESMD-C50H Datasheet
143Kb / 3P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
M/A-COM Technology Solu...
ESMD-C50H MA-COM-ESMD-C50H Datasheet
181Kb / 3P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
Tyco Electronics
MAMXES0117 MACOM-MAMXES0117 Datasheet
162Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
M/A-COM Technology Solu...
ESMD-C50L MA-COM-ESMD-C50L Datasheet
190Kb / 3P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
Tyco Electronics
ELCM-25MH MACOM-ELCM-25MH Datasheet
70Kb / 3P
   E-Series Surface Mount Mixer 5-2500 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com