Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP3N20L Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHP3N20L
Description  PowerMOS transistor Logic level FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP3N20L Datasheet(HTML) 1 Page - NXP Semiconductors

  PHP3N20L Datasheet HTML 1Page - NXP Semiconductors PHP3N20L Datasheet HTML 2Page - NXP Semiconductors PHP3N20L Datasheet HTML 3Page - NXP Semiconductors PHP3N20L Datasheet HTML 4Page - NXP Semiconductors PHP3N20L Datasheet HTML 5Page - NXP Semiconductors PHP3N20L Datasheet HTML 6Page - NXP Semiconductors PHP3N20L Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
PHP3N20L
Logic level FET
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode logic
SYMBOL
PARAMETER
MAX.
UNIT
level field-effect power transistor in a
plastic
envelope
featuring
high
V
DS
Drain-source voltage
200
V
avalanche energy capability, stable
I
D
Drain current (DC)
3.5
A
blocking voltage, fast switching and
P
tot
Total power dissipation
50
W
high thermal cycling performance
R
DS(ON)
Drain-source on-state resistance
1.5
with low thermal resistance. Intended
for use in Switched Mode Power
Supplies (SMPS),
motor control
circuits
and
general
purpose
switching applications.
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
I
D
Continuous drain current
T
mb = 25 ˚C; VGS = 10 V
-
3.5
A
T
mb = 100 ˚C; VGS = 10 V
-
2.5
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
14
A
P
D
Total dissipation
T
mb = 25 ˚C
-
50
W
∆P
D/∆Tmb
Linear derating factor
T
mb > 25 ˚C
-
0.33
W/K
V
GS
Gate-source voltage
-
± 15
V
V
GSM
Non-repetitive gate-source
t
p ≤ 50 µs-
± 20
V
voltage
E
AS
Single pulse avalanche
V
DD ≤ 50 V; starting Tj = 25˚C; RGS = 50 Ω;
-
25
mJ
energy
V
GS = 5 V
I
AS
Peak avalanche current
V
DD ≤ 50 V; starting Tj = 25˚C; RGS = 50 Ω;
-
3.5
A
V
GS = 5 V
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature range
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
3
K/W
mounting base
R
th j-a
Thermal resistance junction to
60
-
K/W
ambient
12 3
tab
d
g
s
September 1997
1
Rev 1.000


Similar Part No. - PHP3N20L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP3N20E PHILIPS-PHP3N20E Datasheet
52Kb / 7P
   PowerMOS transistor
March 1997 Rev 1.000
More results

Similar Description - PHP3N20L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK573-60A PHILIPS-BUK573-60A Datasheet
57Kb / 8P
   PowerMOS transistor Logic level FET
February 1994 Rev 1.100
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
PHP3055L PHILIPS-PHP3055L Datasheet
52Kb / 7P
   PowerMOS transistor Logic level FET
April 1998 1 Rev 1.000
BUK565-60H PHILIPS-BUK565-60H Datasheet
72Kb / 8P
   PowerMOS transistor Logic level FET
June 1995 Rev 1.000
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
BUK583-60A PHILIPS-BUK583-60A Datasheet
55Kb / 8P
   PowerMOS transistor Logic level FET
September 1995 Rev 1.200
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
BUK563-60A PHILIPS-BUK563-60A Datasheet
53Kb / 8P
   PowerMOS transistor Logic level FET
July 1995 Rev 1.000
BUK565-60A PHILIPS-BUK565-60A Datasheet
58Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
logo
New Jersey Semi-Conduct...
BUK553 NJSEMI-BUK553 Datasheet
97Kb / 2P
   PowerMOS transistor Logic level FET
logo
NXP Semiconductors
BUK543-100A PHILIPS-BUK543-100A Datasheet
58Kb / 8P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com