Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMZJ16 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # GMZJ16
Description  Micro MELF ZENER DIODE 2.5% 500mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

GMZJ16 Datasheet(HTML) 3 Page - Rectron Semiconductor

  GMZJ16 Datasheet HTML 1Page - Rectron Semiconductor GMZJ16 Datasheet HTML 2Page - Rectron Semiconductor GMZJ16 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IZ
IF
VR
IR(uA)
IZT
ZZT(W)
IZK
ZZK(W)
MIN
MAX
(mA) (mA)
MIN
MAX
(V)
MAX
(mA)
MAX
(mA)
MAX
A
10.18
10.71
B
10.50
11.05
C
10.82
11.38
A
11.13
11.71
B
11.44
12.03
C
11.74
12.35
A
12.11
12.75
B
12.55
13.21
C
12.99
13.66
A
13.44
14.13
B
13.89
14.62
C
14.35
15.09
A
14.80
15.57
B
15.25
16.04
C
15.69
16.51
A
16.22
17.06
B
16.82
17.70
C
17.42
18.33
A
18.02
18.96
B
18.63
19.59
C
19.23
20.22
D
19.72
20.72
A
20.15
21.20
B
20.64
21.71
C
21.08
22.17
D
21.52
22.63
A
22.05
23.18
B
22.61
23.77
C
23.12
24.31
D
23.63
24.85
A
24.26
25.52
B
24.97
26.26
C
25.63
26.95
D
26.29
27.64
A
26.99
28.39
B
27.70
29.13
C
28.36
29.82
TYPE
CLASS
VZ(V)
VF(V)
GMZ J 11
5
100
0.2
1.0
8.0
0.2
5
30
0.5
120
GMZ J 12
5
100
0.2
1.0
9.0
0.2
5
30
0.5
110
GMZ J 13
5
100
0.2
1.0
10.0
0.2
5
35
0.5
110
GMZ J 15
5
100
0.2
1.0
11.0
0.2
5
40
0.5
110
GMZ J 16
5
100
0.2
1.0
12.0
0.2
5
40
0.5
150
GMZ J 18
5
100
0.2
1.0
13.0
0.2
5
45
0.5
150
GMZ J 20
5
100
0.2
1.0
15.0
0.2
5
55
0.5
200
GMZ J 22
5
100
0.2
1.0
17.0
0.2
5
30
0.5
200
GMZ J 24
5
100
0.2
1.0
19.0
0.2
5
35
0.5
200
GMZ J 27
5
100
0.2
1.0
21.0
0.2
5
45
0.5
250
GMZ J 30
5
100
0.2
55
0.5
250
1.0
23.0
0.2
5
A
29.68
31.22
B
30.32
31.88
C
30.90
32.50
D
31.49
33.11
A
32.14
33.79
B
32.79
34.49
C
33.40
35.13
D
34.01
35.77
A
34.68
36.47
B
35.36
37.19
C
36.00
37.85
D
36.63
38.52
85
0.5
250
1.0
30.0
0.2
5
GMZ J 39
5
100
0.2
5
75
0.5
250
65
0.5
250
GMZ J 36
5
100
0.2
1.0
27.0
0.2
1.0
25.0
0.2
5
GMZ J 33
5
100
0.2
Electrical Characteristics Ta = 25°C


Similar Part No. - GMZJ16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GMZJ16 PANJIT-GMZJ16 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - GMZJ16

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
   500mW Mini melf ZENER Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
   500mW Mini MELF Zener Diodes
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com