Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHS-137PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # CHS-137PIN
Description  19.5dB Bi-Directional Couplers, 0.5 - 400 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CHS-137PIN Datasheet(HTML) 3 Page - Tyco Electronics

  CHS-137PIN Datasheet HTML 1Page - Tyco Electronics CHS-137PIN Datasheet HTML 2Page - Tyco Electronics CHS-137PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
19.5 dB Bi-Directional Couplers,
0.5 - 400 MHz
CH-/CHS-137
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
3
Typical Performance Curves
Ordering Information
Part Number
Package
CH-137 PIN
RH-1
CHS-137 PIN
SF-1


Similar Part No. - CHS-137PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CHS-137PIN MACOM-CHS-137PIN Datasheet
155Kb / 2P
   19.5 dB Bi-Directional Coupler 0.5 - 400 MHz
logo
M/A-COM Technology Solu...
CHS-137PIN MA-COM-CHS-137PIN Datasheet
69Kb / 3P
   19.5 dB Bi-Directional Couplers, 0.5 - 400 MHz
More results

Similar Description - CHS-137PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CH-137 MA-COM-CH-137 Datasheet
69Kb / 3P
   19.5 dB Bi-Directional Couplers, 0.5 - 400 MHz
logo
Tyco Electronics
CH-CHS-137 MACOM-CH-CHS-137 Datasheet
155Kb / 2P
   19.5 dB Bi-Directional Coupler 0.5 - 400 MHz
logo
M/A-COM Technology Solu...
CH-134 MA-COM-CH-134 Datasheet
59Kb / 3P
   Bi-Directional Couplers, 10 - 500 MHz
logo
Tyco Electronics
CH-134 MACOM-CH-134_1 Datasheet
217Kb / 3P
   Bi-Directional Couplers, 10 - 500 MHz
CHS-134 MACOM-CHS-134 Datasheet
140Kb / 2P
   Bi-Directional Couplers 10 - 500 MHz
logo
M/A-COM Technology Solu...
CH-CHS-134 MA-COM-CH-CHS-134_15 Datasheet
59Kb / 3P
   Bi-Directional Couplers
logo
Merrimac Industries, In...
CRP-10N-250 MERRIMAC-CRP-10N-250 Datasheet
59Kb / 1P
   BI-DIRECTIONAL COUPLERS
CRG-10B-255 MERRIMAC-CRG-10B-255 Datasheet
66Kb / 1P
   BI-DIRECTIONAL COUPLERS
logo
SYNERGY MICROWAVE CORPO...
KAP-241 SYNERGY-KAP-241 Datasheet
40Kb / 2P
   BI-DIRECTIONAL COUPLERS
logo
M/A-COM Technology Solu...
CH-CHS-134 MA-COM-CH-CHS-134 Datasheet
59Kb / 3P
   Bi-Directional Couplers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com