Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-280 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AT-280
Description  Digital Attenuator, 15.5dB,5-Bit,DC-2.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-280 Datasheet(HTML) 3 Page - Tyco Electronics

  AT-280_1 Datasheet HTML 1Page - Tyco Electronics AT-280_1 Datasheet HTML 2Page - Tyco Electronics AT-280_1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Digital Attenuator, 15.5 dB, 5-Bit
DC-2.0 GHz
AT-280
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
3
Typical Performance Curves
Insertion Loss
Attenuation Accuracy
VSWR
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
+25°C
-40°C
+85°C
Frequency (GHz)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.0
0.5
1.0
1.5
2.0
0.5 dB Atten
1 dB Atten
2 dB Atten
4 dB Atten
8 dB Atten
15.5 dB Atten
Frequency (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
0.0
0.5
1.0
1.5
2.0
IL
1 dB
2 dB
4 dB
8 dB
16 dB
Frequency (GHz)


Similar Part No. - AT-280_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-280PIN MACOM-AT-280PIN Datasheet
96Kb / 2P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
AT-280RTR MACOM-AT-280RTR Datasheet
96Kb / 2P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
logo
M/A-COM Technology Solu...
AT-280SMB MA-COM-AT-280SMB Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-280TR MACOM-AT-280TR Datasheet
96Kb / 2P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
logo
M/A-COM Technology Solu...
AT-280TR MA-COM-AT-280TR Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
More results

Similar Description - AT-280_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283_1 Datasheet
235Kb / 3P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-283-PIN MACOM-AT-283-PIN Datasheet
192Kb / 4P
   Digital Attenuator, 15.5dB,5-Bit,TTL Driver, DC-2.0 GHz
MAATCC0014 MACOM-MAATCC0014 Datasheet
282Kb / 6P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MACOM-AT90-1283_1 Datasheet
222Kb / 4P
   Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
AT90-0283 MACOM-AT90-0283_1 Datasheet
234Kb / 5P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MADA2030G MA-COM-MADA2030G Datasheet
71Kb / 4P
   5-Bit GaAs Digital Attenuator DC- 2.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
   Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT65-0413 MACOM-AT65-0413_1 Datasheet
321Kb / 3P
   Digital Attenuator 15.5dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com