Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-264TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-264TR
Description  Digital Attenuator, 4-Bit, Single Control 30dB, 0.5-2.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-264TR Datasheet(HTML) 2 Page - Tyco Electronics

  AT-264TR Datasheet HTML 1Page - Tyco Electronics AT-264TR Datasheet HTML 2Page - Tyco Electronics AT-264TR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Attenuator, 4-Bit, Single Control
30 dB, 0.5-2.0 GHz
AT-264
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
2
Electrical Specifications4: TA = 25°C, Z0 = 50 Ω, VS = 5 V
Parameter
Test Conditions
Units
Min
Typ
Max
Reference
Insertion Loss
0.5 - 1.0 GHz
0.5 - 2.0 GHz
dB
dB
2.0
2.2
2.4
2.6
Attenuation
Accuracy
0.5 - 1.0 GHz
0.5 - 2.0 GHz
± (0.15 dB + 5% of attenuation setting in dB) dB
± (0.3 dB + 5% of attenuation setting in dB) dB
VSWR
1.0 - 1.5 GHz
0.5 - 2.0 GHz
Ratio
Ratio
1.5:1
1.9:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
500
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
nS
500
Transients
In Band
mV
75
1 dB
Compression
Input Power
0.5 GHz
0.9 GHz
dBm
dBm
25
25
IP2
0.5 GHz
0.5 - 2.0 GHz
Measured Relative to Input (for two-tone Input Power up to +5 dBm)
dBm
dBm
65
71
IP3
0.5 GHz
0.5 - 2.0 GHz
Measured Relative to Input (for two-tone Input Power up to +5 dBm)
dBm
dBm
43
47
4. External DC blocking capacitors are required on all RF ports. Loss varies at 0.003 dB/°C.
Truth Table
VC1 VC2 VC3 VC4
Attenuation (dB)
1
1
1
1
Reference Insertion Loss
1
1
1
0
2
1
1
0
1
4
1
0
1
1
8
0
1
1
1
16
0
0
0
0
30
Logic 0 = 0 ± 0.2 V.
Logic 1 = +5 V @ 30 µA maximum current total.


Similar Part No. - AT-264TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-264TR MACOM-AT-264TR Datasheet
59Kb / 2P
   Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-264TR MA-COM-AT-264TR Datasheet
154Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
AT-264TR MA-COM-AT-264TR Datasheet
653Kb / 5P
   Digital Attenuator, 4-Bit, Single Control
More results

Similar Description - AT-264TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-220 MACOM-AT-220_1 Datasheet
168Kb / 3P
   Digital Attenuator, 30dB, 4-Bit DC - 2.0 GHz
MAATSS0016 MACOM-MAATSS0016 Datasheet
150Kb / 3P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0016 MA-COM-MAATSS0016 Datasheet
121Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-226 MACOM-AT-226 Datasheet
99Kb / 4P
   Digital Attenuator, 4 Bit, Single Control, 15 dB 0.5 - 2.0 GHz
AT-264 MACOM-AT-264 Datasheet
59Kb / 2P
   Digital Attenuator, 4 Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-264 MA-COM-AT-264 Datasheet
154Kb / 4P
   Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-110-2 MACOM-AT-110-2 Datasheet
174Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
AT-110 MACOM-AT-110_1 Datasheet
173Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0019 MA-COM-MAATSS0019 Datasheet
177Kb / 4P
   Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
logo
Tyco Electronics
MAATSS0019 MACOM-MAATSS0019 Datasheet
196Kb / 3P
   Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com