Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP2N40 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHP2N40
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP2N40 Datasheet(HTML) 3 Page - NXP Semiconductors

  PHP2N40 Datasheet HTML 1Page - NXP Semiconductors PHP2N40 Datasheet HTML 2Page - NXP Semiconductors PHP2N40 Datasheet HTML 3Page - NXP Semiconductors PHP2N40 Datasheet HTML 4Page - NXP Semiconductors PHP2N40 Datasheet HTML 5Page - NXP Semiconductors PHP2N40 Datasheet HTML 6Page - NXP Semiconductors PHP2N40 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
PHP2N40
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
mb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical output characteristics.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1E-07
1E-05
1E-03
1E-01
1E+01
t / s
Zth j-mb / (K/W)
1E+01
1E+00
1E-01
1E-02
0
0.5
0.2
0.1
0.05
0.02
D =
tp
tp
T
T
P
t
D
D=
0
20
40
60
80
100
120
140
Tmb / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
5 V
5.5 V
6 V
6.5 V
7 V
PHP2N40
VDS, Drain-Source voltage (Volts)
ID, Drain current (Amps)
10 V
20 V
VGS = 4.5 V
Tj = 25 C
10
100
1000
0.1
1
10
100
PHP2N40
100us
1 ms
10 ms
100ms
10 us
tp =
RDS(ON)
= VDS/ID
Drain-source voltage, VDS (Volts)
Drain current, ID (Amps)
Tmb = 25 C
DC
0123
45
678
0
1
2
3
4
5
6
6.5 V
7 V
10 V
VGS = 20 V
PHP2N40
Drain current, ID (Amps)
Drain-Source on resistance, RDS(ON) (Ohms)
6 V
5.5 V
5V
Tj = 25 C
June 1997
3
Rev 1.000


Similar Part No. - PHP2N40

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PHP2N40 VBSEMI-PHP2N40 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
NXP Semiconductors
PHP2N40E PHILIPS-PHP2N40E Datasheet
21Kb / 4P
   PowerMOS transistor
October 1996 Rev 1.000
logo
VBsemi Electronics Co.,...
PHP2N40E VBSEMI-PHP2N40E Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - PHP2N40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com