Electronic Components Datasheet Search |
|
MAC7112CPV50 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc |
|
MAC7112CPV50 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc |
10 / 56 page MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2 Preliminary Electrical Characteristics Freescale Semiconductor 10 3.6.1 Thermal Resistance Simulation Details Comments: 1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance. 2. Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board (JESD51-3) horizontal. 3. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal. 4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface of the board at the center lead. For fused lead packages, the adjacent lead is used. 5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1). 6. Thermal characterization parameter indicating the temperature difference between package top and junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT. Table 11. Thermal Resistance for Case Outline 983–02, 100 Lead 14x14 mm LQFP, 0.5 mm Pitch Rating Environment Symbol Value Unit Comments Junction to Ambient (Natural Convection) Single layer board (1s) R θJA 44 °C/W 1, 2 Junction to Ambient (Natural Convection) Four layer board (2s2p) R θJMA 34 °C/W 1, 3 Junction to Ambient (@ 200 ft./min.) Single layer board (1s) R θJMA 37 °C/W 1, 3 Junction to Ambient (@ 200 ft./min.) Four layer board (2s2p) R θJMA 29 °C/W 1, 3 Junction to Board R θJB 18 °C/W 4 Junction to Case R θJC 7°C/W 5 Junction to Package Top Natural Convection ΨJT 2°C/W 6 Table 12. Thermal Resistance for Case Outline 987–01, 112 Lead 20x20 mm LQFP, 0.65 mm Pitch Rating Environment Symbol Value Unit Comments Junction to Ambient (Natural Convection) Single layer board (1s) R θJA 42 °C/W 1, 2 Junction to Ambient (Natural Convection) Four layer board (2s2p) R θJMA 34 °C/W 1, 3 Junction to Ambient (@ 200 ft./min.) Single layer board (1s) R θJMA 35 °C/W 1, 3 Junction to Ambient (@ 200 ft./min.) Four layer board (2s2p) R θJMA 30 °C/W 1, 3 Junction to Board R θJB 22 °C/W 4 Junction to Case R θJC 7°C/W 5 Junction to Package Top Natural Convection ΨJT 2°C/W 6 Table 13. Thermal Resistance for Case Outline 918–03, 144 Lead 20x20 mm LQFP, 0.5 mm Pitch Rating Environment Symbol Value Unit Comments Junction to Ambient (Natural Convection) Single layer board (1s) R θJA 42 °C/W 1, 2 Junction to Ambient (Natural Convection) Four layer board (2s2p) R θJMA 34 °C/W 1, 3 Junction to Ambient (@ 200 ft./min.) Single layer board (1s) R θJMA 35 °C/W 1, 3 Junction to Ambient (@ 200 ft./min.) Four layer board (2s2p) R θJMA 30 °C/W 1, 3 Junction to Board R θJB 22 °C/W 4 Junction to Case R θJC 7°C/W 5 Junction to Package Top Natural Convection ΨJT 2°C/W 6 Table 14. Thermal Resistance for Case Outline 1159A-01, 208 Lead 17x17 mm MAP BGA, 1.0 mm Pitch Rating Environment Symbol Value Unit Comments Junction to Ambient (Natural Convection) Single layer board (1s) R θJA 46 °C/W 1, 2 Junction to Ambient (Natural Convection) Four layer board (2s2p) R θJMA 29 °C/W 1, 3 Junction to Ambient (@ 200 ft./min.) Single layer board (1s) R θJMA 38 °C/W 1, 3 Junction to Ambient (@ 200 ft./min.) Four layer board (2s2p) R θJMA 26 °C/W 1, 3 Junction to Board R θJB 19 °C/W 4 Junction to Case R θJC 7°C/W 5 Junction to Package Top Natural Convection ΨJT 2°C/W 6 |
Similar Part No. - MAC7112CPV50 |
|
Similar Description - MAC7112CPV50 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |