Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP26N10E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHP26N10E
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP26N10E Datasheet(HTML) 2 Page - NXP Semiconductors

  PHP26N10E Datasheet HTML 1Page - NXP Semiconductors PHP26N10E Datasheet HTML 2Page - NXP Semiconductors PHP26N10E Datasheet HTML 3Page - NXP Semiconductors PHP26N10E Datasheet HTML 4Page - NXP Semiconductors PHP26N10E Datasheet HTML 5Page - NXP Semiconductors PHP26N10E Datasheet HTML 6Page - NXP Semiconductors PHP26N10E Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
PHP26N10E
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
100
-
-
V
voltage
∆V
(BR)DSS /
Drain-source breakdown
V
DS = VGS; ID = 0.25 mA
-
0.15
-
V/K
∆T
j
voltage temperature coefficient
R
DS(ON)
Drain-source on resistance
V
GS = 10 V; ID = 17 A
-
0.07
0.08
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 0.25 mA
2.0
3.0
4.0
V
g
fs
Forward transconductance
V
DS = 50 V; ID = 17 A
8.7
16
-
S
I
DSS
Drain-source leakage current
V
DS = 100 V; VGS = 0 V
-
1
25
µA
V
DS = 80 V; VGS = 0 V; Tj = 150 ˚C
-
100
250
µA
I
GSS
Gate-source leakage current
V
GS = ±30 V; VDS = 0 V
-
10
100
nA
Q
g(tot)
Total gate charge
I
D = 17 A; VDD = 80 V; VGS = 10 V
-
35
45
nC
Q
gs
Gate-source charge
-
7
9
nC
Q
gd
Gate-drain (Miller) charge
-
17
25
nC
t
d(on)
Turn-on delay time
V
DD = 50 V; ID = 17 A;
-
18
-
ns
t
r
Turn-on rise time
R
G = 9.1 Ω; RD = 2.9 Ω
-40
-
ns
t
d(off)
Turn-off delay time
-
125
-
ns
t
f
Turn-off fall time
-
50
-
ns
L
d
Internal drain inductance
Measured from contact screw on
-
3.5
-
nH
tab to centre of die
L
d
Internal drain inductance
Measured from drain lead 6 mm
-
4.5
-
nH
from package to centre of die
L
s
Internal source inductance
Measured from source lead 6 mm
-
7.5
-
nH
from package to source bond pad
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
1650
-
pF
C
oss
Output capacitance
-
350
-
pF
C
rss
Feedback capacitance
-
100
-
pF
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
S
Continuous source current
T
mb = 25˚C
-
-
26
A
(body diode)
I
SM
Pulsed source current (body
T
mb = 25˚C
-
-
104
A
diode)
V
SD
Diode forward voltage
I
S = 28 A; VGS = 0 V
-
-
1.7
V
t
rr
Reverse recovery time
I
S = 17 A; VGS = 0 V;
-
90
-
ns
dI/dt = 100 A/
µs
Q
rr
Reverse recovery charge
-
0.8
-
µC
February 1997
2
Rev 1.000


Similar Part No. - PHP26N10E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP206 PHILIPS-PHP206 Datasheet
54Kb / 8P
   Dual P-channel enhancement mode MOS transistor
1998 Feb 05
logo
Sensitron
PHP206 SENSITRON-PHP206 Datasheet
52Kb / 3P
   Transient Voltage Suppressor, Unidirectional
logo
Microsemi Corporation
PHP208 MICROSEMI-PHP208 Datasheet
80Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Protek Devices
PHP208 PROTEC-PHP208 Datasheet
72Kb / 4P
   AC POWER BUS VOLTAGE SUPPRESSOR
PHP208 PROTEC-PHP208 Datasheet
61Kb / 4P
   AC POWER BUS VOLTAGE SUPPRESSOR
More results

Similar Description - PHP26N10E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com