Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APJA2107CGCK Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APJA2107CGCK
Description  2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APJA2107CGCK Datasheet(HTML) 2 Page - Kingbright Corporation

  APJA2107CGCK Datasheet HTML 1Page - Kingbright Corporation APJA2107CGCK Datasheet HTML 2Page - Kingbright Corporation APJA2107CGCK Datasheet HTML 3Page - Kingbright Corporation APJA2107CGCK Datasheet HTML 4Page - Kingbright Corporation APJA2107CGCK Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD1033
REV NO: V.5
DATE: JUN/30/2005
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: H.Q.YUAN
ERP: 1203001497
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θθθθ1/2
APJA2107CGCK
GREEN (InGaAIP)
WATER CLEAR
18
60
120
°
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Green
574
nm
IF=20mA
λD
Dominant Wavelength
Green
570
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Green
20
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF
Forward Voltage
Green
2.1
2.5
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR = 5V
Parameter
Green
Units
Power dissipation
105
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C


Similar Part No. - APJA2107CGCK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APJA2107EC KINGBRIGHT-APJA2107EC Datasheet
149Kb / 5P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107MBC KINGBRIGHT-APJA2107MBC Datasheet
154Kb / 5P
   2.1x0.7 mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107MGC KINGBRIGHT-APJA2107MGC Datasheet
150Kb / 5P
   2.1x0.7 mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107PBC KINGBRIGHT-APJA2107PBC Datasheet
149Kb / 5P
   2.1x0.7 mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107PBC-A KINGBRIGHT-APJA2107PBC-A Datasheet
163Kb / 5P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - APJA2107CGCK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APJA2107SURCK KINGBRIGHT-APJA2107SURCK Datasheet
127Kb / 4P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107SECK KINGBRIGHT-APJA2107SECK Datasheet
148Kb / 5P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMD65W SUNLED-ZMD65W Datasheet
192Kb / 4P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
ZVG65W SUNLED-ZVG65W Datasheet
194Kb / 4P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APJA2107SGC KINGBRIGHT-APJA2107SGC Datasheet
147Kb / 5P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
APJA2107YC KINGBRIGHT-APJA2107YC Datasheet
117Kb / 4P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDK65W SUNLED-ZMDK65W Datasheet
189Kb / 4P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APJA2107EC KINGBRIGHT-APJA2107EC Datasheet
149Kb / 5P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZMG65W SUNLED-ZMG65W Datasheet
190Kb / 4P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
XZMR65WA SUNLED-XZMR65WA Datasheet
216Kb / 3P
   2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com