Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-110 Datasheet(PDF) 1 Page - Tyco Electronics

Part # AT-110
Description  Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-110 Datasheet(HTML) 1 Page - Tyco Electronics

  AT-110_1 Datasheet HTML 1Page - Tyco Electronics AT-110_1 Datasheet HTML 2Page - Tyco Electronics AT-110_1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Voltage Variable Absorptive Attenuator
30 dB, 0.5-2.0 GHz
AT-110
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
1
Features
• Single Positive Voltage Control: 0 to +5 Volts
• 30 dB Voltage Variable Attenuation
• ± 2 dB Linearity from BSL
• Low DC Power Consumption
• Temperature Range: -40°C to +85°C
• SOIC-8 Plastic Package
• Tape and Reel Packaging Available
• Fast Switching Speed
Description
M/A-COM’s AT-110 is a GaAs MMIC voltage
variable absorptive attenuator in a low-cost SOIC 8-
lead surface mount plastic package. The AT-110 has
a faster switching speed than the AT-108 or AT-109.
The AT-110 is ideally suited for use where linear
attenuation fine tuning and very low power
consumption are required.
Typical applications include radio, cellular, GPS
equipment and automatic gain/level control circuits.
The AT-110 is fabricated with a monolithic GaAs
MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
Functional Schematic 1,2,3
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Ground
5
VC
2
Ground
6
Ground
3
RF Port
7
RF Port
4
VCC
8
Ground
Absolute Maximum Ratings 4
Parameter
Absolute Maximum
Input Power
+21 dBm
Supply Voltage VCC
-1 V < VCC < +8 V
Control Voltage VC
-1 V < VC < VCC + 0.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Ordering Information
Part Number
Package
AT-110
SOIC 8-Lead Plastic Package
AT-110TR
Forward Tape and Reel
1. VCC = +5 VDC ± 0.5 VDC @ 300 µA maximum.
2. VC = 0 VDC to +5 VDC @ 6 mA maximum.
3. External DC blocking capacitors are required on all RF
ports.
Note: Reference Application Note M513 for reel size
information.
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
8
7
6
5
1
2
3
4


Similar Part No. - AT-110_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-110-2 MACOM-AT-110-2 Datasheet
174Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-110-2 MA-COM-AT-110-2 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-110-2TR MACOM-AT-110-2TR Datasheet
174Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-110-2TR MA-COM-AT-110-2TR Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
logo
Hirose Electric
AT-1103 HIROSE-AT-1103 Datasheet
48Kb / 2P
   High Power Fixed Attenuators (Radiator built-in)
More results

Similar Description - AT-110_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-110-2 MACOM-AT-110-2 Datasheet
174Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
AT-113 MACOM-AT-113_1 Datasheet
180Kb / 4P
   Voltage Variable Absorptive Attenuator, 40dB 0.5 - 2.0 GHz
AT-109 MACOM-AT-109_1 Datasheet
186Kb / 3P
   Voltage Variable Absorptive Attenuator, 35dB 0.5 - 2.0 GHz
MAAVSS0008 MACOM-MAAVSS0008 Datasheet
176Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5-2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0008 MA-COM-MAAVSS0008 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-110 MA-COM-AT-110 Datasheet
105Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
AT-110-2 MA-COM-AT-110-2 Datasheet
75Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
MAAVSS0005 MACOM-MAAVSS0005 Datasheet
180Kb / 3P
   Voltage Variable Absorptive Attenuator DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator DC - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com