Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APHHS1005SYCK Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APHHS1005SYCK
Description  1.0X0.5mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHHS1005SYCK Datasheet(HTML) 2 Page - Kingbright Corporation

  APHHS1005SYCK Datasheet HTML 1Page - Kingbright Corporation APHHS1005SYCK Datasheet HTML 2Page - Kingbright Corporation APHHS1005SYCK Datasheet HTML 3Page - Kingbright Corporation APHHS1005SYCK Datasheet HTML 4Page - Kingbright Corporation APHHS1005SYCK Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD0913
REV NO: V.8
DATE: MAY/18/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203001435
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APHHS1005SYCK
Super Bright Yellow (InGaAlP)
WATER CLEAR
36
120
120
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Yellow
590
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Yellow
590
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Yellow
20
nm
IF=20mA
C
Capacitance
Super Bright Yellow
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Yellow
2
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Yellow
10
uA
VR=5V
Parameter
Super Bright Yellow
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
175
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Similar Part No. - APHHS1005SYCK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHHS1005SYCK KINGBRIGHT-APHHS1005SYCK Datasheet
109Kb / 4P
   1.0X0.5mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APHHS1005SYCK TO-GRACE-APHHS1005SYCK Datasheet
801Kb / 4P
   1.0 x 0.5 mm SMD Chip LED Lamp
More results

Similar Description - APHHS1005SYCK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHHS1005SYCK KINGBRIGHT-APHHS1005SYCK Datasheet
109Kb / 4P
   1.0X0.5mm SMD CHIP LED LAMP
APHHS1005CGCK KINGBRIGHT-APHHS1005CGCK Datasheet
172Kb / 5P
   1.0X0.5mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-0402-O GILWAY-GHB-0402-O Datasheet
130Kb / 4P
   1.0x0.5mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZVG68W-2 SUNLED-ZVG68W-2 Datasheet
187Kb / 4P
   1.0X0.5mm SMD CHIP LED LAMP
ZM2BG68W-2 SUNLED-ZM2BG68W-2 Datasheet
190Kb / 4P
   1.0X0.5mm SMD CHIP LED LAMP
logo
List of Unclassifed Man...
XZMD68W-1 ETC1-XZMD68W-1 Datasheet
198Kb / 3P
   1.0x0.5mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APHHS1005MGCK KINGBRIGHT-APHHS1005MGCK Datasheet
107Kb / 4P
   1.0X0.5mm SMD CHIP LED LAMP
APHHS1005VGC-A KINGBRIGHT-APHHS1005VGC-A Datasheet
278Kb / 5P
   1.0X0.5mm SMD CHIP LED LAMP
APHS1005SYCK KINGBRIGHT-APHS1005SYCK Datasheet
109Kb / 4P
   1.0X0.5mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDK68W-2 SUNLED-ZMDK68W-2 Datasheet
190Kb / 4P
   1.0X0.5mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-0402-R GILWAY-GHB-0402-R Datasheet
134Kb / 4P
   1.0x0.5mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com