Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08GB60CMC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC9S08GB60CMC
Description  Microcontrollers
Download  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08GB60CMC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC9S08GB60CMC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08GB60CMC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08GB60CMC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08GB60CMC Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08GB60CMC Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08GB60CMC Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08GB60CMC Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08GB60CMC Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08GB60CMC Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 290 page
background image
MC9S08GB/GT Data Sheet, Rev. 2.3
10
Freescale Semiconductor
Section Number
Title
Page
Chapter 7
Internal Clock Generator (ICG) Module
7.1
Introduction .....................................................................................................................................99
7.1.1
Features ..........................................................................................................................100
7.1.2
Modes of Operation .......................................................................................................101
7.2
External Signal Description ..........................................................................................................101
7.2.1
Overview ........................................................................................................................101
7.2.2
Detailed Signal Descriptions .........................................................................................102
7.2.2.1
EXTAL— External Reference Clock / Oscillator Input ...............................102
7.2.2.2
XTAL— Oscillator Output ...........................................................................102
7.2.3
External Clock Connections ..........................................................................................102
7.2.4
External Crystal/Resonator Connections .......................................................................102
7.3
Functional Description ..................................................................................................................103
7.3.1
Off Mode (Off) ..............................................................................................................103
7.3.1.1
BDM Active .................................................................................................103
7.3.1.2
OSCSTEN Bit Set .........................................................................................103
7.3.1.3
Stop/Off Mode Recovery ..............................................................................104
7.3.2
Self-Clocked Mode (SCM) ............................................................................................104
7.3.3
FLL Engaged, Internal Clock (FEI) Mode ....................................................................105
7.3.3.1
FLL Engaged Internal Unlocked ..................................................................105
7.3.3.2
FLL Engaged Internal Locked ......................................................................106
7.3.4
FLL Bypassed, External Clock (FBE) Mode ................................................................106
7.3.5
FLL Engaged, External Clock (FEE) Mode ..................................................................106
7.3.5.1
FLL Engaged External Unlocked .................................................................106
7.3.5.2
FLL Engaged External Locked .....................................................................107
7.3.6
FLL Lock and Loss-of-Lock Detection .........................................................................107
7.3.7
FLL Loss-of-Clock Detection ........................................................................................107
7.3.8
Clock Mode Requirements ............................................................................................108
7.3.9
Fixed Frequency Clock ..................................................................................................109
7.4
Initialization/Application Information ..........................................................................................110
7.4.1
Introduction ....................................................................................................................110
7.4.2
Example #1: External Crystal = 32 kHz, Bus Frequency = 4.19 MHz .........................112
7.4.3
Example #2: External Crystal = 4 MHz, Bus Frequency = 20 MHz ............................113
7.4.4
Example #3: No External Crystal Connection, 5.4 MHz Bus Frequency .....................114
7.4.5
Example #4: Internal Clock Generator Trim .................................................................116
7.5
ICG Registers and Control Bits .....................................................................................................117
7.5.1
ICG Control Register 1 (ICGC1) ......................................................................118
7.5.2
ICG Control Register 2 (ICGC2) ......................................................................119
7.5.3
ICG Status Register 1 (ICGS1) .................................................................................120
7.5.4
ICG Status Register 2 (ICGS2) ........................................................................122
7.5.5
ICG Filter Registers (ICGFLTU, ICGFLTL) .......................................................122
7.5.6
ICG Trim Register (ICGTRM) ...........................................................................123


Similar Part No. - MC9S08GB60CMC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S08GB60 MOTOROLA-MC9S08GB60 Datasheet
1Mb / 290P
   Microcontrollers
MC9S08GB60 MOTOROLA-MC9S08GB60 Datasheet
3Mb / 290P
   Microcontrollers
logo
Freescale Semiconductor...
MC9S08GB60 FREESCALE-MC9S08GB60 Datasheet
75Kb / 4P
   Addendum
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08GB60A NXP-MC9S08GB60A Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08GB60CMC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com