Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2800D Datasheet(PDF) 1 Page - ON Semiconductor

Part # T2800D
Description  Silicon Bidirectional Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

T2800D Datasheet(HTML) 1 Page - ON Semiconductor

  T2800D_06 Datasheet HTML 1Page - ON Semiconductor T2800D_06 Datasheet HTML 2Page - ON Semiconductor T2800D_06 Datasheet HTML 3Page - ON Semiconductor T2800D_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 5
1
Publication Order Number:
T2800/D
T2800D
Triacs
Silicon Bidirectional Thyristors
Designed primarily for full-wave ac control applications, such as
light dimmers, motor controls, heating controls and power supplies.
Features
Blocking Voltage to 400 V
All Diffused and Glass Passivated Junctions for Greater Parameter
Uniformity and Stability
Small, Rugged, Thermowatt Construction for Low Thermal
Resistance, High Heat Dissipation and Durability
Four Quadrant Gating
Pb−Free Package is Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = −40 to +125°C, Gate Open)
VDRM,
VRRM
400
V
On−State RMS Current
(All Conduction Angles, TC = +80°C)
IT(RMS)
8.0
A
Peak Non−Repetitive Surge Current (One
Full Cycle Sine Wave, 60 Hz, TJ = +80°C)
ITSM
100
A
Circuit Fusing Consideration (t = 8.3 ms)
I2t
40
A2s
Peak Gate Power
(Pulse Width = 10
ms, TC = +80°C)
PGM
16
W
Average Gate Power
(t = 8.3 ms, TC = +80°C)
PG(AV)
0.35
W
Peak Gate Current
(Pulse Width = 10
ms, TC = +80°C)
IGM
4.0
A
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−40 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TRIACS
8 AMPERES RMS, 400 VOLTS
Device
Package
Shipping
ORDERING INFORMATION
T2800D
TO−220AB
500 Units/Box
TO−220AB
CASE 221A
STYLE 4
1
2
3
4
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
MT1
G
MT2
T2800DG
TO−220AB
(Pb−Free)
500 Units/Box
T2800DG
AYWW
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
http://onsemi.com
MARKING
DIAGRAM


Similar Part No. - T2800D_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
T2800D ONSEMI-T2800D Datasheet
64Kb / 8P
   Silicon Bidirectional Thyristors
February, 2000 ??Rev. 3
logo
Digitron Semiconductors
T2800D DIGITRON-T2800D Datasheet
145Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
T2800D NJSEMI-T2800D Datasheet
637Kb / 2P
   Triacs Bidirectional Triode Thyristors
logo
Kersemi Electronic Co.,...
T2800D KERSEMI-T2800D Datasheet
394Kb / 5P
   Silicon Bidirectional Thyristors
More results

Similar Description - T2800D_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com