Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33262 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC33262
Description  Power Factor Controllers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33262 Datasheet(HTML) 3 Page - ON Semiconductor

  MC33262 Datasheet HTML 1Page - ON Semiconductor MC33262 Datasheet HTML 2Page - ON Semiconductor MC33262 Datasheet HTML 3Page - ON Semiconductor MC33262 Datasheet HTML 4Page - ON Semiconductor MC33262 Datasheet HTML 5Page - ON Semiconductor MC33262 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
No
Yes
Variable
toff
Resonant
Quasi-
Resonant
EMI
Troubling?
Need higher
efficiency?
Operating
Mode
No
Yes
Do you
need low
Standby
power?
Low End
High End
Please visit our website at www.onsemi.com for additional options.
What
features
do you
need?
No
Yes
Is Your Input
Power Above
25 W?
L
I
G
H
T
I
N
G
Page 3
Power Conversion Solutions
Power Factor Controllers
Minimize THD and Maximize PF and Efficiency. . .
IEC 1000-3-2 standards set regulations to limit the harmonics injected into the AC line by any equipment drawing
more than 75 W of input power for class D equipment (TV sets, PC monitors, desktop PCs) and 25 W for class C
equipment (lighting). A front-end Power Factor Controller is then required in these power supplies. Adding such a
stage can lead to difficulties in meeting other regulatory requirements (standby and active power) unless you make
judicious design choices.
Above challenges have been fully understood by ON Semiconductor which steadily releases innovative PFC controllers matching designers’
wishes of simple, compact and robust solutions. These new PFCs represent perfect solutions in various applications such as Flat TVs, ATX
Power supply & Servers, Telecom and Industrial SMPS where cost will, of course, always be a primary factor, but where you can also base
differentiation on performance.
1
8
2
7
3
6
4
5
R6
2.85k
L1
600 H
L4
150 H
R10
10k
R2
470k
R3
56k
C7
100nF
C11
1 F
Type
=X2
C13
4.7nF
Type
=Y1
C12
4.7nF Type=Y1
C6
1nF
C5
1nF
R7
0.1
R1
4.5
C8
1nF
R4
4.7M
C9
100nF
C1
100nF
Type=X2
U1
KBU6K
C15
680nF
C2*
100 F
*C2 Type = Snap-In 450V
390V
12V
C4
22 F
M1
SPP20N60S5
C3
100nF
R5
680k
R8
680k
R9
560k
D1
CS004060
L
N EARTH
MC
90-265VAC
NCP1653
Key Features & Benefits
NCP1653
Demo Board
NCP1653 – 300 W PFC Front-Stage
POWER
FACTOR
CONTROLLERS
Device
Max
Output
Power
(W)
Topology
Mode
Operation Mode
Package(s)
MC33260
300
Boost
CRM6
Voltage
4
4
4
4
SOIC-8, PDIP-8
MC33262
200
Boost
CRM6
Current
4
4
SOIC-8, PDIP-8
MC33368
300
Boost
CRM6
Current
4
4
4
SOIC-16, PDIP-16
NCP1601
400
Boost
CRM6/DCM2
Fixed Freq Voltage
4
4
4
4
4
SOIC-8, PDIP-8
NCP1606
200
Boost
CRM6
Voltage
4
4
4
4
SOIC-8, PDIP-8
NCP1603
250
Combo Flyback5
CRM6/DCM2
Current
4
4
4
4
4
4
SOIC-16
NCP1651
250
1-Stage Flyback
CCM1/DCM2
Average Current
4
4
4
SOIC-16
NCP1652
250
1-Stage Flyback
CCM1/DCM2
Average Current
4
4
4
4
SOIC-16
NCP1653
1000
Boost
CCM1/DCM2
Average Current
4
4
4
4
4
4
SOIC-8, PDIP-8
NCP1650
5000
Boost
CCM1/DCM2
Average Current
4
4
4
4
4
4
4
SOIC-16
1. Continuous Conduction Mode 2. Discontinuous Conduction Mode 3. Overvoltage Protection 4. Undervoltage Protection 5. NCP1603 – combination of NCP1601 & NCP1203 6. Critical Conduction Mode
~
Solutions for both Critical Conduction Mode and Continuous
Conduction Mode
i
Design flexibility and better applications coverage
~
Follower Boost Mode Capability
i
Flexibility & Compactness as well as Cost reduction
~
Fixed frequency & Synchronization capability
i
Smoother EMI & Flexibility
~
Low consumption during start-up and shutdown mode
i
Help Meet Low Stand-by Power Requirements
~
Several Integrated protections such as
Over Current and Voltage Limitations
In-rush Current Detection
Feed-back loop Failure Detection
i
Design flexibility and rugged design


Similar Part No. - MC33262

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33262 ONSEMI-MC33262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
MC33262 ONSEMI-MC33262 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
MC33262 ONSEMI-MC33262 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33262CDR2 ONSEMI-MC33262CDR2 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
MC33262CDR2G ONSEMI-MC33262CDR2G Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
More results

Similar Description - MC33262

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com