Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4833NT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4833NT1G
Description  Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4833NT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4833NT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4833NT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4833NT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4833NT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4833NT1G Datasheet HTML 5Page - ON Semiconductor NTMFS4833NT1G Datasheet HTML 6Page - ON Semiconductor NTMFS4833NT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4833N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
4.2 V thru 10 V
2.8 V
3.2 V
3.0 V
200
0.003
0
100
1.0
0
1,000
100,000
02
1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
2
0.006
0
4
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−50
25
0
−25
50
75
23
15
10
30
0
3
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = 4.5 V
125
VGS = 0 V
ID = 30 A
VGS = 10 V
TJ = 150°C
50
0
45
TJ = 25°C
20
VGS = 4.0 V
1.75
100
40
650
0.001
75
3.4 V
3.6 V
3.8 V
50
25
200
25
200
ID = 30 A
TJ = 25°C
8
VGS = 11.5 V
100
TJ = 25°C
0.002
25
5
75
1
10
12
0.004
25
75
100
125
150
175
100
175
0.002
0.004
0.008
125
175
150
1.5
0.5
TJ = 125°C
150
0.010
125
150
10,000
5
0.25
0.75
1.25


Similar Part No. - NTMFS4833NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4833NT1G ONSEMI-NTMFS4833NT1G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NTMFS4833NT1G ONSEMI-NTMFS4833NT1G Datasheet
121Kb / 7P
   Power MOSFET 30V 191A Single N-Channel, SO-8FL
March, 2014 ??Rev. 10
More results

Similar Description - NTMFS4833NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
   Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
   Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NVMFS4C306N ONSEMI-NVMFS4C306N Datasheet
201Kb / 8P
   MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
NTMFS4931N ONSEMI-NTMFS4931N Datasheet
123Kb / 7P
   Power MOSFET 30 V, 246 A, Single N.Channel, SO.8 FL
May, 2012 ??Rev. 0
NTMFS4837NH ONSEMI-NTMFS4837NH Datasheet
142Kb / 7P
   Power MOSFET 30 V, 75 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
NTMFS4851N ONSEMI-NTMFS4851N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 66 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4897NF ONSEMI-NTMFS4897NF Datasheet
143Kb / 6P
   Power MOSFET 30 V, 171 A, Single N?묬hannel, SO?? FL
June, 2010 ??Rev. 1
NTMFS4939N ONSEMI-NTMFS4939N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 53 A, Single N?묬hannel, SO?? FL
September, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com