Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP21N06LT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PHP21N06LT
Description  N-channel TrenchMOS transistor Logic level FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP21N06LT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PHP21N06LT Datasheet HTML 3Page - NXP Semiconductors PHP21N06LT Datasheet HTML 4Page - NXP Semiconductors PHP21N06LT Datasheet HTML 5Page - NXP Semiconductors PHP21N06LT Datasheet HTML 6Page - NXP Semiconductors PHP21N06LT Datasheet HTML 7Page - NXP Semiconductors PHP21N06LT Datasheet HTML 8Page - NXP Semiconductors PHP21N06LT Datasheet HTML 9Page - NXP Semiconductors PHP21N06LT Datasheet HTML 10Page - NXP Semiconductors PHP21N06LT Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHP21N06LT, PHB21N06LT
Logic level FET
PHD21N06LT
MECHANICAL DATA
Fig.17. SOT404 surface mounting package. Centre pin connected to mounting base.
Notes
1. This product is supplied in anti-static packaging. The gate-source input must be protected against static
discharge during transport or handling.
2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18.
3. Epoxy meets UL94 V0 at 1/8".
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
A1
D1
D
max.
E
eLp
HD
Q
c
2.54
2.60
2.20
15.40
14.80
2.90
2.10
11
1.60
1.20
10.30
9.70
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
b
DIMENSIONS (mm are the original dimensions)
SOT404
0
2.5
5 mm
scale
Plastic single-ended surface mounted package (Philips version of D2-PAK); 3 leads
(one lead cropped)
SOT404
e
e
E
b
D1
HD
D
Q
Lp
c
A1
A
13
2
mounting
base
98-12-14
99-06-25
August 1999
7
Rev 1.500


Similar Part No. - PHP21N06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
82Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998-Rev 1.400
logo
Nexperia B.V. All right...
PHP21N06LT NEXPERIA-PHP21N06LT Datasheet
233Kb / 12P
   N-channel TrenchMOSÔ transistor Logic level FET
August 1999
More results

Similar Description - PHP21N06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP69N03LT PHILIPS-PHP69N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
PHP50N03LT PHILIPS-PHP50N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.800
PHP55N03LT PHILIPS-PHP55N03LT Datasheet
107Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP11N06LT PHILIPS-PHP11N06LT Datasheet
114Kb / 12P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.000
PHP87N03LT PHILIPS-PHP87N03LT Datasheet
102Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
logo
Nexperia B.V. All right...
BSS123 NEXPERIA-BSS123 Datasheet
143Kb / 5P
   N-channel TrenchMOS transistor Logic level FET
August 2000
logo
NXP Semiconductors
PHB11N03LT PHILIPS-PHB11N03LT Datasheet
105Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
September 1999 Rev 1.000
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com