Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08GT16A Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08GT16A
Description  Microcontrollers
Download  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08GT16A Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08GT16A Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08GT16A Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08GT16A Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08GT16A Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08GT16A Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08GT16A Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08GT16A Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08GT16A Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08GT16A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 300 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
40-MHz HCS08 CPU
HC08 instruction set with added BGND instruction
Support for up to 32 interrupt/reset sources
Memory Options
FLASH read/program/erase down to 1.8 V
Up to 16K FLASH; up to 2K RAM
Power-Saving Modes
Three very low power stop modes
Reduced power wait mode
Very low power real time interrupt for use in run,
wait, and stop
Clock Source Options
Clock sources to internal hardware frequency
locked-loop (FLL): internal, external, crystal, or
resonator
Internal clock with
±0.2% trimming resolution and
±0.5% deviation across voltage or across
temperature
System Protection
Optional watchdog computer operating properly
(COP) reset
Low-voltage detection with reset or interrupt
Illegal opcode detection with reset
Illegal address detection with reset
FLASH block protect and security
Peripherals
ATD — 8-channel, 10-bit analog-to-digital
converter
SCI — Two serial communications interface
modules
SPI — Serial peripheral interface module
IIC — Inter-integrated circuit bus module
Timer —One 3-channel timer PWM module (TPM)
plus one 2-channel TPM
KBI — 8-pin keyboard interrupt module
Input/Output
8 high-current pins (20 mA each)
Software selectable pullups on ports when used as
input
Internal pullup on RESET and IRQ pin to reduce
customer system cost
Up to 38 general-purpose input/output (I/O) pins,
plus one output-only pin, depending on package
selection
Development Support
Background debugging system
Breakpoint capability to allow single breakpoint
setting during in-circuit debugging (plus two more
breakpoints in on-chip debug module)
On-chip, in-circuit emulation (ICE) debug module
with real-time bus capture. On-chip ICE debug
module containing two comparators and nine trigger
modes. Eight deep FIFO for storing change-of-flow
addresses and event-only data.
Single-wire background debug interface
Package Options
48-pin QFN
44-pin QFP
42-pin PSDIP
32-pin QFN
MC9S08GT16A/GT8A Features


Similar Part No. - MC9S08GT16A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08GT16A FREESCALE-MC9S08GT16A Datasheet
1Mb / 300P
   Microcontrollers
MC9S08GT16A FREESCALE-MC9S08GT16A Datasheet
1Mb / 300P
   MC9S08GT16A/GT8A Features
logo
NXP Semiconductors
MC9S08GT16A NXP-MC9S08GT16A Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08GT16A NXP-MC9S08GT16A Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08GT16A NXP-MC9S08GT16A Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08GT16A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com