Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APHCM2012CGCK-F01 Datasheet(PDF) 5 Page - Kingbright Corporation

Part # APHCM2012CGCK-F01
Description  2.0x1.25mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHCM2012CGCK-F01 Datasheet(HTML) 5 Page - Kingbright Corporation

  APHCM2012CGCK-F01 Datasheet HTML 1Page - Kingbright Corporation APHCM2012CGCK-F01 Datasheet HTML 2Page - Kingbright Corporation APHCM2012CGCK-F01 Datasheet HTML 3Page - Kingbright Corporation APHCM2012CGCK-F01 Datasheet HTML 4Page - Kingbright Corporation APHCM2012CGCK-F01 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAF1341
REV NO: V.2
DATE: MAY/07/2007
PAGE: 5 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203003839
PACKING & LABEL SPECIFICATIONS
APHCM2012CGCK-F01


Similar Part No. - APHCM2012CGCK-F01

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APHCM2012CGCK-F01 TO-GRACE-APHCM2012CGCK-F01 Datasheet
841Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
More results

Similar Description - APHCM2012CGCK-F01

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0805-B GILWAY-GHB-0805-B Datasheet
141Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APTK2012SECK-F01 KINGBRIGHT-APTK2012SECK-F01 Datasheet
291Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-0805-R GILWAY-GHB-0805-R Datasheet
134Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APTC2012CGCK KINGBRIGHT-APTC2012CGCK Datasheet
101Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
AP2012PBC-A KINGBRIGHT-AP2012PBC-A Datasheet
158Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SECK-F01 KINGBRIGHT-APHCM2012SECK-F01 Datasheet
281Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SYCK-F01 KINGBRIGHT-APHCM2012SYCK-F01 Datasheet
279Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012VGC-A-F01 KINGBRIGHT-APHCM2012VGC-A-F01 Datasheet
284Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APT2012SGC KINGBRIGHT-APT2012SGC_07 Datasheet
273Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
AP2012SURC KINGBRIGHT-AP2012SURC Datasheet
125Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
APT2012ZGC KINGBRIGHT-APT2012ZGC Datasheet
279Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com