Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90-0001 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AT90-0001
Description  Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-6.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT90-0001 Datasheet(HTML) 3 Page - Tyco Electronics

  AT90-0001_1 Datasheet HTML 1Page - Tyco Electronics AT90-0001_1 Datasheet HTML 2Page - Tyco Electronics AT90-0001_1 Datasheet HTML 3Page - Tyco Electronics AT90-0001_1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
(
2
8
9
:
;
"
%
; .
6
94:
"
"
;
94:
A
"
.
@
4*'&(
"
#.
;
'
0
*
(
/
1
)
' '
0'
* '
( '
/ '
1 '
) '
< 7&'
, 3* '
< %&'
0'
0*
0/
0)
0&
* '
* *
* /
' '
0'
* '
( '
/ '
1 '
) '
2
, =
8
2 % , =
8
2 % , >
2
, >
' 1'
' *1
' ''
' *1
' 1'
' '
0'
* '
( '
/ '
1 '
) '
3
8
8
%
8
01'
' .1
' ''
' .1
01'
' '
0'
* '
( '
/ '
1 '
) '
6
8
=
8
7
8


Similar Part No. - AT90-0001_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0001-TB MACOM-AT90-0001-TB Datasheet
239Kb / 3P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
AT90-0001-TB MA-COM-AT90-0001-TB Datasheet
146Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
Tyco Electronics
AT90-0001TR MACOM-AT90-0001TR Datasheet
239Kb / 3P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
AT90-0001TR MA-COM-AT90-0001TR Datasheet
146Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
More results

Similar Description - AT90-0001_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0263 MACOM-AT20-0263_1 Datasheet
164Kb / 4P
   Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAATCC0010 MACOM-MAATCC0010 Datasheet
276Kb / 6P
   Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT-263-PIN MACOM-AT-263-PIN Datasheet
168Kb / 4P
   Digital Attenuator 31.0dB, TTL Driver, DC-2.0 GHz
MAAD-007083-000100 MACOM-MAAD-007083-000100 Datasheet
241Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
AT90-0001 MA-COM-AT90-0001 Datasheet
146Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
Tyco Electronics
AT90-0001 MACOM-AT90-0001 Datasheet
239Kb / 3P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
Tyco Electronics
AT90-0263 MACOM-AT90-0263_1 Datasheet
417Kb / 5P
   Digital Attenuator 31dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT90-1263 MACOM-AT90-1263_1 Datasheet
486Kb / 5P
   Digital Attenuator, 31dB, 5-Bit, TTL Driver DC - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com