Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM50-0006TR Datasheet(PDF) 6 Page - Tyco Electronics

Part # AM50-0006TR
Description  Low Noise Amplifier 1400-2000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0006TR Datasheet(HTML) 6 Page - Tyco Electronics

  AM50-0006TR Datasheet HTML 1Page - Tyco Electronics AM50-0006TR Datasheet HTML 2Page - Tyco Electronics AM50-0006TR Datasheet HTML 3Page - Tyco Electronics AM50-0006TR Datasheet HTML 4Page - Tyco Electronics AM50-0006TR Datasheet HTML 5Page - Tyco Electronics AM50-0006TR Datasheet HTML 6Page - Tyco Electronics AM50-0006TR Datasheet HTML 7Page - Tyco Electronics AM50-0006TR Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Low Noise Amplifier
1400 - 2000 MHz
AM50-0006
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
6
External Circuitry Parts List9
Part
Value
Purpose
C1
47 pF
DC Block
C2
470 pF
By-Pass
L1
10 nH
Tuning
L2
3.9 nH
Tuning
L3
22 nH
RF Choke
R1
See note 10
Current control
C3
470 pF
By-Pass
9.
All external circuitry parts are readily available, low cost
surface mount components (.060 in. x .030 in. or .080 in.
x .050 in.)
10. Pin 2 allows use of an external resistor to ground for
optional, higher current.
For IDD ~ 5 mA, R1 = 150 ohms;
IDD ~ 6.5 mA, R1 = 120 ohms;
IDD ~ 20 mA, R1 = 27 ohms.
Functional Schematic
Data for 1400 - 1520 MHz Operation
Cross Section View
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 50 Ω lines
and package pins.
M/A-COM recommends an FR-4 dielectric
thickness of 0.008” (0.20 mm) yielding a 50 Ω line width of
0.015” (0.38 mm). The recommended RF metalization thickness is
1 ounce copper.
Recommended PCB Configuration
Layout View
Pin 1


Similar Part No. - AM50-0006TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0006TR MACOM-AM50-0006TR Datasheet
358Kb / 7P
   Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0006TR MA-COM-AM50-0006TR Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
More results

Similar Description - AM50-0006TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0006 MACOM-AM50-0006 Datasheet
358Kb / 7P
   Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
MAALSS0048 MACOM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
Mini-Circuits
ZRL-1150LN MINI-ZRL-1150LN Datasheet
184Kb / 1P
   Low Noise Amplifier 50??500 to 1400 MHz
ZRL-2300 MINI-ZRL-2300 Datasheet
183Kb / 1P
   Low Noise Amplifier 50??1400 to 2300 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com