Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VMICBL-000-F5-015000 Datasheet(PDF) 2 Page - General Electric Company

Part # VMICBL-000-F5-015000
Description  Ultrahigh Speed Fiber-Optic Reflective Memory with Interrupts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

VMICBL-000-F5-015000 Datasheet(HTML) 2 Page - General Electric Company

  VMICBL-000-F5-015000 Datasheet HTML 1Page - General Electric Company VMICBL-000-F5-015000 Datasheet HTML 2Page - General Electric Company VMICBL-000-F5-015000 Datasheet HTML 3Page - General Electric Company VMICBL-000-F5-015000 Datasheet HTML 4Page - General Electric Company VMICBL-000-F5-015000 Datasheet HTML 5Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VMIVME-5565 Ultrahigh Speed Fiber-Optic Reflective Memory with Interrupts
Fiber-Optic Cable Assemblies
A B C D E F
VMICBL-000-F5
0
0 0 0
ABC = Cable Lengths
000 = .5 ft (0.15m)
011 = 350 ft (106.68m)
001 = 1 ft (.31m)
012 = 500 ft (152.15m)
002 = 5 ft (1.52m)
013 = 574 ft (175m)
003 = 10 ft (3.04m)
014 = 656 ft (200m)
004 = 25 ft (7.62m)
015 = 820 ft (250m)
005 = 50 ft (15.24m)
016 = 1,000 ft (304.30m)
006 = 80 ft (24.40m)
017 = 1,148 ft (350m)
007 = 100 ft (30.49m)
018 = 1,312 ft (400m)
008 = 150 ft (45.72m)
019 = 1,500 ft (456.45m)
009 = 200 ft (60.98m)
020 = 1,640 ft (500m)
010 = 250 ft (76.20m)
DEF = 0 (Options reserved for future use)
For Ordering Information, Call:
1-800-322-3616 or 1-256-880-0444 • FAX (256) 882-0859
Email: info.embeddedsystems@gefanuc.com
Web Address: www.gefanuc.com/embedded
Copyright © 2005 by GE Fanuc Embedded Systems
Specifications subject to change without notice.
Functional Characteristics
Introduction: VMIVME-5565 is the VMEbus member of the
GE Fanuc Embedded Systems VMIxxx-5565 family of Reflective
Memory real-time network products. The other members of the
family are VMIVME-5565, PCI mezzanine card (PMC), and
VMIPCI-5565, the PCI-compatible board. All three of these
products are network compatible, and may be integrated into a
network in any combination. This family of products allows
computers, workstations, PLCs, and other embedded controllers
with dissimilar operating systems, or no operating system at all,
to share data in real time.
To the local node, the Reflective Memory board appears as
shared memory. Data can be written to or read from the
memory by any level of software, including the application
itself. Data written to the Reflective Memory in one node is
transported by the network hardware to all other nodes, and
placed in the same address on those node’s Reflective Memory
boards. This transport of data is accomplished without the
involvement of the processors on any node. Using this system,
all nodes on the network have a local copy of shared data
available for immediate access.
Product Overview: The Reflective Memory concept provides a
very fast and efficient way of sharing data across distributed
computer systems.
GE Fanuc Embedded Systems’ VMIVME-5565 Reflective Memory
interface allows data to be shared between up to 256
independent systems (nodes) at rates up to 174 Mbyte/s. Each
Reflective Memory board can be configured with either
64 Mbyte or 128 Mbyte of onboard SDRAM. The local SDRAM
provides fast Read access times to stored data. Writes are
stored in local SDRAM and broadcast over a high speed fiber-
optic data path to other Reflective Memory nodes. The transfer
of data between nodes is software transparent, so no I/O
overhead is required. Transmit and Receive FIFOs buffer data
during peak data rates to optimize processor and bus
performance to maintain high data throughput.
The Reflective Memory also allows interrupts to one or more
nodes by writing to a byte register. These interrupt (four levels,
each user definable) signals may be used to synchronize a
system process, or used to follow any data. The interrupt
always follows the data to ensure the reception of the data
before the interrupt is acknowledged.
Each node on the system has a unique identification number
between 0 and 255. The node number is established during
hardware system integration by a series of onboard switches.
This node number can be read by software by accessing an
onboard register. In some applications, this node number would
be useful in establishing the function of the node.
Link Arbitration: The VMIVME-5565 system is a fiber-optic daisy
chain ring as shown in Figure 1. Each transfer is passed from
node-to-node until it has gone all the way around the ring and
reaches the originating node. Each node retransmits all
transfers that it receives except those that it originated. Nodes
are allowed to insert transfers between transfers passing
through.
Interrupt Transfers: The VMIVME-5565 provides four network
interrupts. Any processor can generate an interrupt on any
other node on the network. In addition, any processor can
generate an interrupt on all nodes on the network with a single
register write.
In response to this interrupt register write, the sending
VMIVME-5565 issues a special packet over the network, which
contains the command strobe, the sender node ID, the
destination node ID, and 32 bits of data. When a receiving node
detects the proper combination of destination node ID and
command strobe, it stores the sender note ID and the data in
one of four 127 location-deep FIFOs. The four FIFOs correspond
to the four interrupts. Upon storing this information in a FIFO,
the receiving node issues an interrupt to the local processor if it
has been software-enabled. The 32 bits of data stored in the
FIFO is user-definable and typically is treated as an interrupt
vector. As part of an interrupt service routine, the local
processor reads this information out of the FIFO and acts
accordingly.
Ordering Options
May 13, 2005 800-005565-000 E
A B C D E F
VMIVME-5565
1
0 0 0
A = Memory Options
0 = 64 Mbyte
1 = 128 Mbyte
B = FIFOs
0 = Reserved
1 = 4 K FIFOs
C = Transmission Mode
0 = Multimode
1 = Single Mode
DEF = 0 (Options reserved for future use)
Simplex Cable Specifications
Fiber-Optic Cable – Multimode; (62.5 Micron core)
2


Similar Part No. - VMICBL-000-F5-015000

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
VMI ISABELLENHUETTE-VMI Datasheet
890Kb / 4P
   Precision resistors
VMI-R000-U ISABELLENHUETTE-VMI-R000-U Datasheet
715Kb / 2P
   Precision resistors
VMI-R010-5.0 ISABELLENHUETTE-VMI-R010-5.0 Datasheet
890Kb / 4P
   Precision resistors
logo
GHz Technology
VMIL100 GHZTECH-VMIL100 Datasheet
137Kb / 2P
   100 Watts, 28 Volts, Class AB Defcom 100 - 200 MHz
logo
List of Unclassifed Man...
VMIVME-4905 ETC2-VMIVME-4905 Datasheet
89Kb / 3P
   High Power Digital-to-Synchro/Resolver Converter Board
More results

Similar Description - VMICBL-000-F5-015000

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF1402 OPTEK-OPF1402 Datasheet
482Kb / 2P
   HIGH SPEED FIBER OPTIC TRANSMITTER
logo
TT Electronics.
OPF1412T TTELEC-OPF1412T Datasheet
929Kb / 4P
   High Speed Fiber Optic Transmitter
OPF1412 TTELEC-OPF1412 Datasheet
613Kb / 3P
   High Speed Fiber Optic Transmitter
logo
OPTEK Technologies
OPF1412 OPTEK-OPF1412 Datasheet
347Kb / 4P
   High Speed Fiber Optic Transmitter
logo
Micro Linear Corporatio...
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
   High Speed Fiber Optic LED Driver
logo
OPTEK Technologies
OPF342A OPTEK-OPF342A Datasheet
313Kb / 2P
   Fiber Optic GaAlAs High Speed LED
OPF432 OPTEK-OPF432 Datasheet
273Kb / 2P
   FIBER OPTIC HIGH SPEED PIN PHOTODIODE
OPF431 OPTEK-OPF431 Datasheet
297Kb / 2P
   FIBER OPTIC HIGH SPEED PIN PHOTODIODE
OPF347A OPTEK-OPF347A Datasheet
268Kb / 2P
   Fiber Optic GaAIAs High Speed LED
OPF392A OPTEK-OPF392A Datasheet
318Kb / 2P
   Fiber Optic GaAIAs High Speed LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com