Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8645X Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8645X
Description  1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8645X Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8645X Datasheet HTML 4Page - Maxim Integrated Products MAX8645X Datasheet HTML 5Page - Maxim Integrated Products MAX8645X Datasheet HTML 6Page - Maxim Integrated Products MAX8645X Datasheet HTML 7Page - Maxim Integrated Products MAX8645X Datasheet HTML 8Page - Maxim Integrated Products MAX8645X Datasheet HTML 9Page - Maxim Integrated Products MAX8645X Datasheet HTML 10Page - Maxim Integrated Products MAX8645X Datasheet HTML 11Page - Maxim Integrated Products MAX8645X Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
1x/1.5x/2x White LED Charge Pumps with Two
LDOs in 4mm x 4mm TQFN
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
PIN
Supply Voltage Input. Bypass to PGND with a 10µF ceramic capacitor. The input voltage range is
2.7V to 5.5V. PIN is high impedance during shutdown.
2IN
Chip Supply Voltage Input. Bypass to GND with a 10µF ceramic capacitor as close as possible to the
IC. The input voltage range is 2.7V to 5.5V. IN is high impedance during shutdown.
3
GND
Ground. Connect GND to system ground and the input bypass capacitor as close as possible to the IC.
4
LDO1
LDO1 Output. Bypass with a 1µF ceramic capacitor to GND. LDO1 is pulled to ground through an
internal 400k
Ω resistor during shutdown.
5
LDO2
LDO2 Output. Bypass with a 1µF ceramic capacitor to GND. LDO2 is pulled to ground through an
internal 400k
Ω resistor during shutdown.
6
REFBP
Reference Filter. Bypass REFBP with a 0.01µF ceramic capacitor to GND.
7
SETF
Bias Current Set Input for F1, F2. The current flowing out of SETF sets the maximum (100%) bias
current into each LED. VSETF is internally biased to 0.6V. Connect a resistor (RSETF) from SETF to
GND to set the flash current. RSETF = 82.8 / ILED(MAX). SETF is high impedance during shutdown.
8
SETM
Bias Current Set Input for M1–M4. The current flowing out of SETM sets the maximum (100%) bias
current into each LED. VSETM is internally biased to 0.6V. Connect a resistor (RSETM) from SETM to GND
to set the main LED current. RSETM = 138 / ILED(MAX). SETM is high impedance during shutdown.
9, 10
F2, F1
400mA Combined-Current Flash LED Cathode Connection and Charge-Pump Feedback. Current flowing
into F_ is based on ISETF . The charge pump regulates the lowest F_ voltage to 0.15V. Grounding any F_
input forces OUT to operate at approximately 5V. Connect F_ to OUT if this LED is not populated.
11–16
M6–M1
30mA Main LED Cathode Connection and Charge-Pump Feedback. Current flowing into M_ is based on the
EN_ configuration and ISETM. The charge pump regulates the lowest M_ input voltage to 0.15V. Grounding
any M_ forces OUT to operate at approximately 5V. Connect M_ to OUT if this LED is not populated.
17
P2
Default Output-Voltage Select Input. P1 and P2 set the LDO1 and LDO2 voltages to one of nine
combinations (Table 2). P2 is high impedance in an off condition and shortly after an on condition.
18
ENLDO
LDO Output Enable. Drive to a logic-level high to turn on both LDOs. Drive to a logic-level low to turn
off both LDOs.
19
ENM2
Enable and Dimming Control for M1–M6. Drive both ENM1 and ENM2 to a logic-level high to turn on
the main LEDs. Drive both ENM1 and ENM2 to a logic-level low to turn off the main LEDs. Alternate
dimming techniques are discussed in the Applications Information section.
20
ENM1
Enable and Dimming Control for M1–M6. Drive both ENM1 and ENM2 to a logic-level high to turn on
the main LEDs. Drive both ENM1 and ENM2 to a logic-level low to turn off the main LEDs. Alternate
dimming techniques are discussed in the Applications Information section.
21
ENF
Enable and Dimming Control for F1, F2. Drive ENF to a logic-level high to turn on the flash LEDs.
Drive ENF to a logic-level low to turn off the flash LEDs. Dimming techniques are discussed in the
Applications Information section.
22
C1N
Transfer Capacitor 1 Negative Connection. Connect a 1µF ceramic capacitor between C1P and C1N.
C1N is internally shorted to IN during shutdown.


Similar Part No. - MAX8645X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8645X MAXIM-MAX8645X Datasheet
257Kb / 14P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8645XETI MAXIM-MAX8645XETI Datasheet
257Kb / 14P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8645X MAXIM-MAX8645X_08 Datasheet
257Kb / 14P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
More results

Similar Description - MAX8645X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8645X MAXIM-MAX8645X_08 Datasheet
257Kb / 14P
   1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
Rev 4; 6/08
MAX8631X MAXIM-MAX8631X Datasheet
399Kb / 16P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 2; 5/06
MAX8631 MAXIM-MAX8631 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX8631 MAXIM-MAX8631_08 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
   120mA 1x/1.5x/2x Charge Pump for White LED
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
   1x/1.5x/2x Charge Pump for White LED Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com