Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2M Datasheet(PDF) 2 Page - Won-Top Electronics

Part # GBJ2M
Description  2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBJ2M Datasheet(HTML) 2 Page - Won-Top Electronics

  GBJ2M Datasheet HTML 1Page - Won-Top Electronics GBJ2M Datasheet HTML 2Page - Won-Top Electronics GBJ2M Datasheet HTML 3Page - Won-Top Electronics GBJ2M Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GBJ2A – GBJ2M
2 of 4
© 2006 Won-Top Electronics
0.1
1.0
10
100
0.2
0.0
0.6
1.0
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Fwd Characteristics, per element
F
T = 25 C
j
°
Pulse width = 300 s
µ
1.4
0
15
30
45
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
T= 25 C
j
°
Single half-sine-wave
(JEDEC method)
0
0
2
4
6
25
50
75
100
125
150
T , TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
°
Resistive or
Inductive load
3
5
1
10
100
1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f = 1.0MHz
T= 25 C
j
°


Similar Part No. - GBJ2M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ2M SECOS-GBJ2M Datasheet
243Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
GBJ2M CHENG-YI-GBJ2M Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
GBJ2M GOOD-ARK-GBJ2M Datasheet
736Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBJ2M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G WTE-2W005G Datasheet
48Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG2KB05 SMCDIODE-UG2KB05 Datasheet
377Kb / 5P
   Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
2KBP005M WTE-2KBP005M_06 Datasheet
64Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP200 WTE-GBP200 Datasheet
59Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Unisonic Technologies
ABS22 UTC-ABS22 Datasheet
169Kb / 4P
   SINGLE PHASE 2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
2017
logo
DIYI Electronic Technol...
ABS22 DYELEC-ABS22 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF22 DYELEC-ABF22 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gulf Semiconductor
2KBP08M-E GULFSEMI-2KBP08M-E Datasheet
117Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current:2.0A
logo
Burland Technology Solu...
UG2KB05 BURLAND-UG2KB05 Datasheet
377Kb / 5P
   UG2KB05 THRU UG2KB100 Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com