Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC705J5ACP Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC68HC705J5ACP
Description  8-bit microcontroller units
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705J5ACP Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC68HC705J5ACP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC705J5ACP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC705J5ACP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC705J5ACP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC705J5ACP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC705J5ACP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC705J5ACP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC705J5ACP Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC705J5ACP Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
July 16, 1999
GENERAL RELEASE SPECIFICATION
REV 2.1
vii
LIST OF TABLES
Table
Title
Page
4-1
Vector Address for Interrupts and Reset.......................................................... 4-1
6-1
COP Watchdog Timer Recommendations ....................................................... 6-5
7-1
Port A I/O Pin Functions................................................................................... 7-7
7-2
Port B I/O Pin Functions................................................................................... 7-7
8-1
RTI Rates and COP Reset Times .................................................................... 8-5
10-1
Register/Memory Instructions ........................................................................ 10-4
10-2
Read-Modify-Write Instructions ..................................................................... 10-5
10-3
Jump and Branch Instructions........................................................................ 10-6
10-4
Bit Manipulation Instructions .......................................................................... 10-7
10-5
Control Instructions ........................................................................................ 10-7
10-6
Instruction Set Summary ............................................................................... 10-8
10-7
Opcode Map................................................................................................. 10-14
11-1
DC Electrical Characteristics, VDD=5 V ........................................................ 11-2
11-2
DC Electrical Characteristics, VDD=2.2V ..................................................... 11-3
11-3
Control Timing, VDD=5V............................................................................... 11-5
11-4
Control Timing, VDD=2.2V............................................................................ 11-5
A-1
Functional Operating Range ............................................................................A-2
A-2
DC Electrical Characteristics, VDD=5V...........................................................A-2
B-1
Functional Operating Range ............................................................................B-6
B-2
EPROM Programming Electrical Characteristics .............................................B-6
B-3
DC Electrical Characteristics, VDD=5 V ..........................................................B-6
C-1
Functional Operating Range ............................................................................C-2
C-2
DC Electrical Characteristics, VDD=5 V ..........................................................C-2
D-1
MC Order Numbers..........................................................................................D-1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC705J5ACP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC705J5ACP NXP-MC68HC705J5ACP Datasheet
2Mb / 106P
   The MC68HC05J5A is a member of the low-cost high-performance M68HC05 Family of 8-bit microcontroller units (MCUs).
July 16, 1999 REV 2.1
More results

Similar Description - MC68HC705J5ACP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908LJ12 FREESCALE-MC68HC908LJ12 Datasheet
4Mb / 413P
   8-bit microcontroller units
logo
Motorola, Inc
68HC08KH12 MOTOROLA-68HC08KH12 Datasheet
2Mb / 262P
   8 BIT MICROCONTROLLER UNITS
logo
Freescale Semiconductor...
68HC05JB3 FREESCALE-68HC05JB3 Datasheet
1Mb / 134P
   8-bit microcontroller units (MCUs)
logo
Motorola, Inc
HC705J2 MOTOROLA-HC705J2 Datasheet
427Kb / 78P
   M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
logo
Freescale Semiconductor...
MC68HC08KH12 FREESCALE-MC68HC08KH12 Datasheet
2Mb / 262P
   Low-Cost, High-Performance 8-bit Microcontroller Units
logo
Motorola, Inc
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
MC68HC908GP32 MOTOROLA-MC68HC908GP32 Datasheet
3Mb / 410P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com