Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GELM317 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GELM317
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GELM317 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GELM317 Datasheet HTML 1Page - List of Unclassifed Manufacturers GELM317 Datasheet HTML 2Page - List of Unclassifed Manufacturers GELM317 Datasheet HTML 3Page - List of Unclassifed Manufacturers GELM317 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CORPORATION
2/4
ISSUED DATE :2004/07/30
REVISED DATE :
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Input-Output Voltage Difference
Vi-Vo
40
V
Load Temperature
TLEAD
230
Power Dissipation
PD
Internal limited
Operating Temperature Range
TOPR
0~125
Storage Temperature Range
TSTG
-65 ~ 150
Electrical Characteristics at Ta = 25 ::::
(VI-VO=5V,0 <Tj<125 ,IO=500mA,IMAX=1.5A,PMAX=20W,unless otherwise specified
PARAMETER
Symbol
Test Conditions
TYPE Max. UNIT
Line Regulation
VO
Ta=25 ,3V<=VI-VO=40V
0.01
0.04
%V
Ta=0-125 ,3v<=VI-VO<=40V
0.02
0.07
%V
Load Regulation
VO
Ta=25
VO<=6V
18
25
mV
10mA<=IO<=IMAX
VO>=5V
0.4
0.5
%/VO
10mA<=IO<=IMAX
VO<=5V
40
70
mV
VO>=6V
0.8
1.5
%VO
Adjustable Pin Current
IADJ
46
100
uA
Adjustable Pin Current Change
IADJ
2.5V<=VI-VO<=40V
2.0
5
uA
,10mA<=IO<=IMAX,PD<=PMAX
3V<=VI-VO<=40V,
1.20 1.25 1.30
V
Reference Voltage
10mA<=IO<=IMAX,PD<=PMAX
Temperature Stability
STT
0.7
%/VO
Minimum Load Current for
Regulation
IL(MIN)
VI-VO=40V
3.5
10
mA
Maximum Output Current
VI-VO<=15V,PD<=PMAX
1.5
2.2
A
IO(MAX)
VI-VO<=15V,PD<=PMAX,Ta=25
0.15
0.4
RMS Noise v.s.%of Vout
eN
TA=25 ,10HZ<=f<=10KHZ
0.003 0.01 %/VO
Ripple Rejection
VO=10V,f=120HZ,
60
dB
RR
VO=10V,f=120HZ,CADJ=10uF
66
75
Long-term Stability,TJ=THIGH
ST
TA=25 ,1000hr
0.3
1
%
Junction to Case Thermal
Resistance
R JC
5
/W
*Note: Testing with low duty pulse should be used to avoid heating effect.


Similar Part No. - GELM317

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GELM317 GTM-GELM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GELM317 ETL-GELM317 Datasheet
288Kb / 4P
   3 - T E R M I N A L 1 A P O S I T I V E A D J U S T A B L E V O L T A G E R E G U L AT O R
More results

Similar Description - GELM317

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Continental Device Indi...
LM317 CDIL-LM317 Datasheet
402Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Silicon Co., Ltd
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317L FS-FR317L Datasheet
197Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com