Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56858E Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56858E
Description  16-bit Digital Signal Controllers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56858E Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56858E Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56858E Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56858E Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56858E Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56858E Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56858E Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56858E Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56858E Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56858E Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Introduction
56858 Technical Data, Rev. 6
Freescale Semiconductor
9
Part 3 Signals and Package Information
All digital inputs have a weak internal pull-up circuit associated with them. These pull-up circuits are
enabled by default. Exceptions:
1. When a pin has GPIO functionality, the pull-up may be disabled under software control.
2. MODE A, MODE B and MODE C pins have no pull-up.
3. TCK has a weak pull-down circuit always active.
4. Bidirectional I/O pullups automatically disable when the output is enabled.
This table is presented consistently with the Signals Identified by Functional Group figure.
1. BOLD entries in the Type column represents the state of the pin just out of reset.
2. Output(Z) means an output in a High-Z condition.
Table 3-1 56858 Signal and Package Information for the 144-pin LQFP and MAPBGA
Signal
Name
BGA
Pin No.
LQFP
Pin No.
Type
Description
VDD
E1
14
VDD
Logic Power (VDD)—These pins provide power to the internal
structures of the chip, and should all be attached to VDD.
VDD
M6
36
VDD
F12
52
VDD
A9
72
VDD
M2
87
VDD
J12
88
VDD
E12
109
VDD
A12
125
VSS
G1
15
VSS
Logic Power–Ground (VSS)—These pins provide grounding for the
internal structures of the chip and should all be attached to VSS.
VSS
L6
16
VSS
D12
53
VSS
A7
54
VSS
F1
71
VSS
M7
89
VSS
K12
126
VSS
A8
127


Similar Part No. - DSP56858E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56858E NXP-DSP56858E Datasheet
1Mb / 64P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
More results

Similar Description - DSP56858E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com