Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURB1020CTPBF Datasheet(PDF) 9 Page - International Rectifier

Part # MURB1020CTPBF
Description  Ultrafast Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MURB1020CTPBF Datasheet(HTML) 9 Page - International Rectifier

  MURB1020CTPBF Datasheet HTML 1Page - International Rectifier MURB1020CTPBF Datasheet HTML 2Page - International Rectifier MURB1020CTPBF Datasheet HTML 3Page - International Rectifier MURB1020CTPBF Datasheet HTML 4Page - International Rectifier MURB1020CTPBF Datasheet HTML 5Page - International Rectifier MURB1020CTPBF Datasheet HTML 6Page - International Rectifier MURB1020CTPBF Datasheet HTML 7Page - International Rectifier MURB1020CTPBF Datasheet HTML 8Page - International Rectifier MURB1020CTPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Bulletin PD-21081 08/05
9
MURB1020CTPbF, MURB1020CT-1PbF
www.irf.com
Device Code
1
5
2
4
3
1
-
Ultrafast MUR Series
2
-B
= D2Pak/ TO-262
3
-
Current Rating (10 = 10A)
4
-
Voltage Rating (20 = 200V)
5
-
CT
= Center Tap (Dual) TO-220 /D2PAK/ TO-262
6
-
-1
= TO-262
7
-
none = Tube (50 pieces)
6
TRL = Tape & Reel (Left Oriented, for D2PAk package)
TRR = Tape & Reel (Right Oriented, for D2PAk package)
8
-
none = Standard Production
PbF = Lead-Free
MUR B
10
20
CT
-1
TRL PbF
6
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 08/05
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
7
8


Similar Part No. - MURB1020CTPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MURB1020CTPBF IRF-MURB1020CTPBF Datasheet
289Kb / 9P
   Ultrafast Rectifier
logo
Vishay Siliconix
MURB1020CTPBF VISHAY-MURB1020CTPBF Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 5 A FRED PtTM
Revision: 05-Sep-08
MURB1020CTPBF VISHAY-MURB1020CTPBF Datasheet
166Kb / 9P
   Ultrafast Rectifier, 2 x 5 A FRED Pt
Revision: 11-Mar-10
MURB1020CTPBF VISHAY-MURB1020CTPBF Datasheet
166Kb / 9P
   Ultrafast Rectifier, 2 x 5 A FRED Pt
Revision: 11-Mar-10
logo
International Rectifier
MURB1020CTPBF IRF-MURB1020CTPBF_07 Datasheet
289Kb / 9P
   Ultrafast Rectifier
More results

Similar Description - MURB1020CTPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CTU04PBF IRF-16CTU04PBF Datasheet
194Kb / 8P
   Ultrafast Rectifier
MUR1520 IRF-MUR1520_06 Datasheet
191Kb / 8P
   Ultrafast Rectifier
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
   ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
   Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
   Ultrafast Rectifier
logo
Solid States Devices, I...
RC0090 SSDI-RC0090 Datasheet
170Kb / 2P
   Ultrafast Rectifier
logo
Lucky Light Electronic
VS-MUR1620CTPBF LUCKY-LIGHT-VS-MUR1620CTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Kersemi Electronic Co.,...
MUR3020WTPBF KERSEMI-MUR3020WTPBF Datasheet
2Mb / 6P
   Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
   ULTRAFAST RECTIFIER
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
US1A CHONGQING-US1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com