Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56852VF120 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56852VF120
Description  16-bit Digital Signal Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56852VF120 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56852VF120 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56852VF120 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Introduction
56852 Technical Data, Rev. 8
Freescale Semiconductor
9
Part 3 Signals and Package Information
All digital inputs have a weak internal pull-up circuit associated with them. These pull-up circuits are
enabled by default. Exceptions:
1. When a pin has GPIO functionality, the pull-up may be disabled under software control.
2. Mode pins D13, D14 and D15 have no pull-up.
3. TCK has a weak pull-down circuit always active.
4. Bidirectional I/O pullups automatically disable when the output is enabled.
This table is presented consistently with the Signals Identified by Functional Group figure.
1. BOLD entries in the Type column represents the state of the pin just out of reset.
2. Ouput(Z) means an output in a High-Z condition.
Table 3-1. 56852 Signal and Package Information for the 81-pin MAPBGA
Pin No.
Signal Name
Type
Description
E1
VDD
VDD
Logic Power —These pins provide power to the internal structures of
the chip, and should all be attached to VDD.
J5
VDD
E9
VDD
D1
VSS
VSS
Logic Power - GND—These pins provide grounding for the internal
structures of the chip and should all be attached to VSS.
J4
VSS
F9
VSS
C1
VDDIO
VDDIO
I/O Power —These pins provide power for all I/O and ESD structures of
the chip, and should all be attached to VDDIO.
H1
VDDIO
J7
VDDIO
G9
VDDIO
B9
VDDIO
A4
VDDIO
B1
VSSIO
VSSIO
I/O Power - GND—These pins provide grounding for all I/O and ESD
structures of the chip and should all be attached to VSS.
G1
VSSIO
J6
VSSIO
J9
VSSIO
C9
VSSIO
A5
VSSIO
B5
VDDA
VDDA
Analog Power—These pins supply an analog power source
B6
VSSA
VSSA
Analog Ground—This pin supplies an analog ground.


Similar Part No. - DSP56852VF120

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56852VF120 MOTOROLA-DSP56852VF120 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
logo
NXP Semiconductors
DSP56852VF120 NXP-DSP56852VF120 Datasheet
1Mb / 48P
   16-bit Digital Signal Controllers
Rev. 8 01/2007
More results

Similar Description - DSP56852VF120

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com