Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56852 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # DSP56852
Description  16-bit Digital Signal Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56852 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button DSP56852 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56852 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Introduction
56852 Technical Data, Rev. 8
Freescale Semiconductor
7
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56852 are organized into functional groups, as shown in Table 2-1 and
as illustrated in Figure 2-1. In Table 3-1, each table row describes the package pin and the signal or
signals present.
1. VDD = VDD CORE, VSS = VSS CORE, VDDIO= VDD IO, VSSIO = VSS IO, VDDA = VDD ANA, VSSA = VSS ANA
2. CLKOUT is muxed Address pin A20.
3. Four Address pins are multiplexed with the timer, CS3 and CLKOUT pins.
4. CS3 is multiplexed with external Address Bus pin A19.
5. Mode pins are multiplexed with External Data pins D13-D15 like A17and A18.
6. Four of these pins are multiplexed with SSI.
7. Two of these pins are multiplexed with 2 bits of the External Address Bus A17and A18.
Table 2-1 Functional Group Pin Allocations
Functional Group
Number of Pins
Power (VDD, VDDIO, or VDDA)
101
Ground (VSS, VSSIO,or VSSA)
101
Phase Lock Loop (PLL) and Clock
22
External Bus Signals
393
External Chip Select*
34
Interrupt and Program Control
35
Synchronous Serial Interface (SSI) Port*
6
Serial Communications Interface (SCI) Port*
2
Serial Peripheral Interface (SPI) Port
06
Quad Timer Module Port
07
JTAG/Enhanced On-Chip Emulation (EOnCE)
6
*Alternately, GPIO pins


Similar Part No. - DSP56852

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
logo
NXP Semiconductors
DSP56852 NXP-DSP56852 Datasheet
1Mb / 48P
   16-bit Digital Signal Controllers
Rev. 8 01/2007
logo
Freescale Semiconductor...
DSP56852UM FREESCALE-DSP56852UM Datasheet
74Kb / 2P
   Feature Phone Software Application Product Brief
logo
Motorola, Inc
DSP56852VF120 MOTOROLA-DSP56852VF120 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
logo
NXP Semiconductors
DSP56852VF120 NXP-DSP56852VF120 Datasheet
1Mb / 48P
   16-bit Digital Signal Controllers
Rev. 8 01/2007
More results

Similar Description - DSP56852

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com