Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2330TRHAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2330TRHAR
Description  MIXED SIGNAL MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2330TRHAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F2330TRHAR Datasheet HTML 7Page - Texas Instruments MSP430F2330TRHAR Datasheet HTML 8Page - Texas Instruments MSP430F2330TRHAR Datasheet HTML 9Page - Texas Instruments MSP430F2330TRHAR Datasheet HTML 10Page - Texas Instruments MSP430F2330TRHAR Datasheet HTML 11Page - Texas Instruments MSP430F2330TRHAR Datasheet HTML 12Page - Texas Instruments MSP430F2330TRHAR Datasheet HTML 13Page - Texas Instruments MSP430F2330TRHAR Datasheet HTML 14Page - Texas Instruments MSP430F2330TRHAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
MSP430F23x0
MIXED SIGNAL MICROCONTROLLER
SLAS518A -- AUGUST 2006 -- REVISED MAY 2007
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
memory organization
MSP430F2330
MSP430F2350
MSP430F2370
Memory
Main: interrupt vector
Main: code memory
Size
Flash
Flash
8KB Flash
0xFFFF -- 0xFFC0
0xFFFF -- 0xE000
16KB Flash
0xFFFF -- 0xFFC0
0xFFFF -- 0xC000
32KB
0xFFFF -- 0xFFC0
0xFFFF -- 0x8000
Information memory
Size
Flash
256 Byte
0x10FF -- 0x1000
256 Byte
0x10FF -- 0x1000
256 Byte
0x10FF -- 0x1000
Boot memory
Size
ROM
1KB
0x0FFF -- 0x0C00
1KB
0x0FFF -- 0x0C00
1KB
0x0FFF -- 0x0C00
RAM
Size
1KB Byte
0x5FF -- 0x0200
2KB Byte
0x9FF -- 0x0200
2KB
0x09FF -- 0x0200
Peripherals
16-bit
8-bit
8-bit SFR
0x01FF -- 0x0100
0x00FF -- 0x0010
0x000F -- 0x0000
0x01FF -- 0x0100
0x00FF -- 0x0010
0x000F -- 0x0000
0x01FF -- 0x0100
0x00FF -- 0x0010
0x000F -- 0x0000
bootstrap loader (BSL)
The MSP430 bootstrap loader (BSL) enables users to program the flash memory or RAM using a UART serial
interface. Access to the MSP430 memory via the BSL is protected by user-defined password. For complete
description of the features of the BSL and its implementation, see the Application report Features of the MSP430
Bootstrap Loader, Literature Number SLAA089.
BSL Function
RHA Package Pins
Data Transmit
5-- P1.1
Data Receive
14 -- P2.2
flash memory
The flash memory can be programmed via the JTAG port, the bootstrap loader, or in-system by the CPU. The
CPU can perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
D
Flash memory has n segments of main memory and four segments of information memory (A to D) of 64
bytes each. Each segment in main memory is 512 bytes in size.
D
Segments 0 to n may be erased in one step, or each segment may be individually erased.
D
Segments A to D can be erased individually, or as a group with segments 0--n.
Segments A to D are also called information memory.
D
Segment A contains calibration data. After reset segment A is protected against programming or erasing.
It can be unlocked but care should be taken not to erase this segment if the calibration data is required.


Similar Part No. - MSP430F2330TRHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2330TRHAR TI-MSP430F2330TRHAR Datasheet
4Mb / 69P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2330TRHAR TI1-MSP430F2330TRHAR Datasheet
1Mb / 67P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2330TRHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com