Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCB56364PV100 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # XCB56364PV100
Description  24-Bit Audio Digital Signal Processor
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XCB56364PV100 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button XCB56364PV100 Datasheet HTML 3Page - Freescale Semiconductor, Inc XCB56364PV100 Datasheet HTML 4Page - Freescale Semiconductor, Inc XCB56364PV100 Datasheet HTML 5Page - Freescale Semiconductor, Inc XCB56364PV100 Datasheet HTML 6Page - Freescale Semiconductor, Inc XCB56364PV100 Datasheet HTML 7Page - Freescale Semiconductor, Inc XCB56364PV100 Datasheet HTML 8Page - Freescale Semiconductor, Inc XCB56364PV100 Datasheet HTML 9Page - Freescale Semiconductor, Inc XCB56364PV100 Datasheet HTML 10Page - Freescale Semiconductor, Inc XCB56364PV100 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 148 page
background image
Power
DSP56364 Technical Data, Rev. 4.1
Freescale Semiconductor
2-3
2.2
Power
2.3
Ground
Table 2-2 Power Inputs
Power Name
Description
VCCP
PLL Power—VCCP is VCC dedicated for PLL use. The voltage should be well-regulated and the input should
be provided with an extremely low impedance path to the VCC power rail. There is one VCCP input.
VCCLQ (4)
Quiet Core (Low) Power—VCCLQ is an isolated power for the internal processing logic. This input must be
tied externally to all other chip power inputs. The user must provide adequate external decoupling
capacitors. There are four VCCLQ inputs.
VCCHQ (4)
Quiet External (High) Power—VCCHQ is a quiet power source for I/O lines. This input must be tied
externally to all other chip power inputs. The user must provide adequate decoupling capacitors. There are
four VCCHQ inputs.
VCCA (4)
Address Bus Power—VCCA is an isolated power for sections of the address bus
I/O drivers. This input must be tied externally to all other chip power inputs. The user must provide adequate
external decoupling capacitors. There are four VCCA inputs.
VCCD (1)
Data Bus Power—VCCD is an isolated power for sections of the data bus I/O drivers. This input must be
tied externally to all other chip power inputs. The user must provide adequate external decoupling
capacitors. There is one VCCD inputs.
VCCC (1)
Bus Control Power—VCCC is an isolated power for the bus control I/O drivers. This input must be tied
externally to all other chip power inputs. The user must provide adequate external decoupling capacitors.
There is one VCCC inputs.
VCCS (3)
SHI and ESAI —VCCS is an isolated power for the SHI and ESAI. This input must be tied externally to all
other chip power inputsL. The user must provide adequate external decoupling capacitors. There are three
VCCS inputs.
Table 2-3 Grounds
Ground Name
Description
GNDP
PLL Ground—GNDP is ground-dedicated for PLL use. The connection should be provided with an
extremely low-impedance path to ground. VCCP should be bypassed to GNDP by a 0.47 μF capacitor
located as close as possible to the chip package. There is one GNDP connection.
GNDQ (4)
Quiet Ground—GNDQ is an isolated ground for the internal processing logic. This connection must be tied
externally to all other chip ground connections. The user must provide adequate external decoupling
capacitors. There are four GNDQ connections.
GNDA (4)
Address Bus Ground—GNDA is an isolated ground for sections of the address bus I/O drivers. This
connection must be tied externally to all other chip ground connections. The user must provide adequate
external decoupling capacitors. There are four GNDA connections.
GNDD (1)
Data Bus Ground—GNDD is an isolated ground for sections of the data bus I/O drivers. This connection
must be tied externally to all other chip ground connections. The user must provide adequate external
decoupling capacitors. There is one GNDD connections.


Similar Part No. - XCB56364PV100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XCB56364PV100 MOTOROLA-XCB56364PV100 Datasheet
2Mb / 162P
   24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
XCB56364PV100 FREESCALE-XCB56364PV100 Datasheet
1Mb / 148P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
XCB56364PV100 NXP-XCB56364PV100 Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
More results

Similar Description - XCB56364PV100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
   24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
   24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
logo
Freescale Semiconductor...
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
   24-Bit Audio Digital Signal Processor
DSPB56367AG150 FREESCALE-DSPB56367AG150 Datasheet
1Mb / 100P
   24-Bit Audio Digital Signal Processor
logo
Motorola, Inc
DSP56362 MOTOROLA-DSP56362 Datasheet
2Mb / 168P
   24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56366 FREESCALE-DSP56366 Datasheet
1Mb / 110P
   24-Bit Audio Digital Signal Processor
DSP56367 FREESCALE-DSP56367 Datasheet
1Mb / 100P
   24-Bit Audio Digital Signal Processor
DSPB56364AF100 FREESCALE-DSPB56364AF100 Datasheet
1Mb / 148P
   24-Bit Audio Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com