Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93C86-RMN7TG Datasheet(PDF) 4 Page - STMicroelectronics

Part # M93C86-RMN7TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C86-RMN7TG Datasheet(HTML) 4 Page - STMicroelectronics

  M93C86-RMN7TG Datasheet HTML 1Page - STMicroelectronics M93C86-RMN7TG Datasheet HTML 2Page - STMicroelectronics M93C86-RMN7TG Datasheet HTML 3Page - STMicroelectronics M93C86-RMN7TG Datasheet HTML 4Page - STMicroelectronics M93C86-RMN7TG Datasheet HTML 5Page - STMicroelectronics M93C86-RMN7TG Datasheet HTML 6Page - STMicroelectronics M93C86-RMN7TG Datasheet HTML 7Page - STMicroelectronics M93C86-RMN7TG Datasheet HTML 8Page - STMicroelectronics M93C86-RMN7TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
4/31
SUMMARY DESCRIPTION
These electrically erasable programmable memo-
ry (EEPROM) devices are accessed through a Se-
rial Data Input (D) and Serial Data Output (Q)
using the MICROWIRE bus protocol.
In order to meet environmental requirements, ST
offers these devices in ECOPACK® packages.
ECOPACK® packages are Lead-free and RoHS
compliant.
ECOPACK is an ST trademark. ECOPACK speci-
fications are available at:
www.st.com.
Figure 2. Logic Diagram
Table 2. Signal Names
The memory array organization may be divided
into either bytes (x8) or words (x16) which may be
selected by a signal applied on Organization Se-
lect (ORG). The bit, byte and word sizes of the
memories are as shown in Table 3.
Table 3. Memory Size versus Organization
The M93Cx6 is accessed by a set of instructions,
as summarized in Table 4., and in more detail in
Table 5. to Table 7.).
Table 4. Instruction Set for the M93Cx6
A Read Data from Memory (READ) instruction
loads the address of the first byte or word to be
read in an internal address register. The data at
this address is then clocked out serially. The ad-
dress register is automatically incremented after
the data is output and, if Chip Select Input (S) is
held High, the M93Cx6 can output a sequential
stream of data bytes or words. In this way, the
memory can be read as a data stream from eight
to 16384 bits long (in the case of the M93C86), or
continuously (the address counter automatically
rolls over to 00h when the highest address is
reached).
Programming is internally self-timed (the external
clock signal on Serial Clock (C) may be stopped or
left running after the start of a Write cycle) and
does not require an Erase cycle prior to the Write
instruction. The Write instruction writes 8 or 16 bits
at a time into one of the byte or word locations of
the M93Cx6. After the start of the programming cy-
cle, a Busy/Ready signal is available on Serial
S
Chip Select Input
D
Serial Data Input
Q
Serial Data Output
C
Serial Clock
ORG
Organisation Select
VCC
Supply Voltage
VSS
Ground
AI01928
D
VCC
M93Cx6
VSS
C
Q
S
ORG
Device
Number
of Bits
Number
of 8-bit
Bytes
Number
of 16-bit
Words
M93C86
16384
2048
1024
M93C76
8192
1024
512
M93C66
4096
512
256
M93C56
2048
256
128
M93C46
1024
128
64
Instruction
Description
Data
READ
Read Data from Memory
Byte or Word
WRITE
Write Data to Memory
Byte or Word
EWEN
Erase/Write Enable
EWDS
Erase/Write Disable
ERASE
Erase Byte or Word
Byte or Word
ERAL
Erase All Memory
WRAL
Write All Memory
with same Data


Similar Part No. - M93C86-RMN7TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86-RMN7 STMICROELECTRONICS-M93C86-RMN7 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
More results

Similar Description - M93C86-RMN7TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M93S66 STMICROELECTRONICS-M93S66 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
   (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
November 2013 Rev 15
M93C46-WMN6P STMICROELECTRONICS-M93C46-WMN6P Datasheet
979Kb / 33P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
M93C86-125 STMICROELECTRONICS-M93C86-125 Datasheet
248Kb / 32P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial EEPROM
M93C86 STMICROELECTRONICS-M93C86_11 Datasheet
350Kb / 34P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com