Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA82-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CA82-1
Description  Cascadable Amplifier 20 to 250 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CA82-1 Datasheet(HTML) 1 Page - Tyco Electronics

  CA82-1 Datasheet HTML 1Page - Tyco Electronics CA82-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"
#$
%
&
' (
(
(
) *(
+ ( ,
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
-
(4
-( 2> >2+> 4+7?= 475 @
0 . A6 /
(4
-( 7B 6B 67: >2 9
0
. A6 /
(4
-( -=4
5
0 . A6 /
?7: 7B 6B
+: 2
. A6 /
!
" =
* 2
#
"&C
,!D " " $
" !
!$
$ !,#
$
#
!
! " ,"
C &
"
,
! C#
C E
#
,!
# &
#
3 #
!
3
C
C !
%$ ! & !,
=!
!
!
$
! "
C E
#D
" "
C !
" ,"
3
!
0 " 7*
! +$
' $! #
E ,
"
&
D ! '4?*+ ;*
!3 !
!
! !,
3
C
&
.
/
0 &
/ .
1
2 /
=
*
7*
+'=
*
+$
' $!
<=
* FF
+'= < !!
)
1
3 4
5
/
1
3 4
+
,
#
$
*
G<
9
G<
<
#
$
G<
;<
,
9
< ! !$ $ 4!#$ 6
9
0
+"
4!#$ #
.
!$
/
:
6
E6
. H
/
:
I+J+
0$ !*4!
#
$
.
/
G<
#
!
!
5
/
"
2
!
KL
G< :
!
6
;
#
! 6
:
M$!
!
#
$
2
=C 3 <
L
G<
F73
#
$
#
!
#
!$ C
<=
* D,$
!
<
9
< ! &
FF "
!!
)
3
!
!
2 (
#
!


Similar Part No. - CA82-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CA82-1 MA-COM-CA82-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
More results

Similar Description - CA82-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A70-3 MA-COM-A70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A81 MACOM-A81 Datasheet
106Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A81-1 MACOM-A81-1_1 Datasheet
401Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A70-3 MACOM-A70-3 Datasheet
107Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A82 MA-COM-A82_15 Datasheet
646Kb / 3P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82 MACOM-A82_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A81 MA-COM-A81 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A83-1 MACOM-A83-1_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A82-1 MA-COM-A82-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82-1 MACOM-A82-1 Datasheet
100Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com