Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56800EFM Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 56800EFM
Description  16-bit Digital Signal Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56800EFM Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 56800EFM Datasheet HTML 2Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 3Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 4Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 5Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 6Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 7Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 8Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 9Page - Freescale Semiconductor, Inc 56800EFM Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
56F826 Technical Data, Rev. 14
6
Freescale Semiconductor
This controller also provides a full set of standard programmable peripherals including one Synchronous
Serial Interface (SSI), one Serial Peripheral Interface (SPI), the option to select a second SPI or two Serial
Communications Interfaces (SCIs), and one Quad Timer. The SSI, SPI, and Quad Timer can be used as
General Purpose Input/Outputs (GPIOs) if a timer function is not required.
1.3 Award-Winning Development Environment
Processor ExpertTM (PE) provides a Rapid Application Design (RAD) tool that combines easy-to-use
component-based software application creation with an expert knowledge system.
The Code Warrior Integrated Development Environment is a sophisticated tool for code navigation,
compiling, and debugging. A complete set of evaluation modules (EVMs) and development system cards
will support concurrent engineering. Together, PE, Code Warrior and EVMs create a complete, scalable
tools solution for easy, fast, and efficient development.
1.4 Product Documentation
The four documents listed in Table 1-1 are required for a complete description and proper design with the
56F826. Documentation is available from local Freescale distributors, Freescale Semiconductor sales
offices, Freescale Literature Distribution Centers, or online at www.freescale.com.
Table 1-1 56F826 Chip Documentation
Topic
Description
Order Number
56800E
Family Manual
Detailed description of the 56800 family architecture,
and 16-bit core processor and the instruction set
56800EFM
DSP56F826/F827
User’s Manual
Detailed description of memory, peripherals, and
interfaces of the 56F826 and 56F827
DSP56F826-827UM
56F826
Technical Data Sheet
Electrical and timing specifications, pin descriptions,
and package descriptions (this document)
DSP56F826
56F826
Product Brief
Summary description and block diagram of the 56F826
core, memory, peripherals and interfaces
DSP56F826PB
56F826
Errata
Details any chip issues that might be present
DSP56F826E


Similar Part No. - 56800EFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
622Kb / 48P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800EFM NXP-56800EFM Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
856Kb / 40P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800EFM NXP-56800EFM Datasheet
1Mb / 40P
   16-bit Digital Signal Controllers
Rev. 9 01/2007
logo
Freescale Semiconductor...
56800EFM FREESCALE-56800EFM Datasheet
689Kb / 52P
   16-bit Digital Signal Controllers
More results

Similar Description - 56800EFM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com