Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHD11N06LT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHD11N06LT
Description  N-channel TrenchMOS transistor Logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHD11N06LT Datasheet(HTML) 5 Page - NXP Semiconductors

  PHD11N06LT Datasheet HTML 1Page - NXP Semiconductors PHD11N06LT Datasheet HTML 2Page - NXP Semiconductors PHD11N06LT Datasheet HTML 3Page - NXP Semiconductors PHD11N06LT Datasheet HTML 4Page - NXP Semiconductors PHD11N06LT Datasheet HTML 5Page - NXP Semiconductors PHD11N06LT Datasheet HTML 6Page - NXP Semiconductors PHD11N06LT Datasheet HTML 7Page - NXP Semiconductors PHD11N06LT Datasheet HTML 8Page - NXP Semiconductors PHD11N06LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHP11N06LT, PHB11N06LT
Logic level FET
PHD11N06LT
Fig.7. Typical transfer characteristics.
I
D = f(VGS)
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID)
Fig.9. Normalised drain-source on-state resistance.
R
DS(ON)/RDS(ON)25 ˚C = f(Tj)
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Gate-source voltage, VGS (V)
Drain current, ID (A)
VDS > ID X RDS(ON)
Tj = 25 C
175 C
Threshold Voltage, VGS(TO) (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
-60
-40
-20
0
20
40
60
80
100 120 140 160 180
Junction Temperature, Tj (C)
typical
maximum
minimum
0
1
2
3
4
5
6
7
8
012
34567
89
10
Drain current, ID (A)
Transconductance, gfs (S)
Tj = 25 C
175 C
VDS > ID X RDS(ON)
Drain current, ID (A)
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
0
0.5
1
1.5
2
2.5
3
Gate-source voltage, VGS (V)
minimum
typical
maximum
Normalised On-state Resistance
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-60
-40
-20
0
20
40
60
80
100 120 140 160 180
Junction temperature, Tj (C)
10
100
1000
0.1
1
10
100
Drain-Source Voltage, VDS (V)
Capacitances, Ciss, Coss, Crss (pF)
Ciss
Coss
Crss
August 1999
5
Rev 1.000


Similar Part No. - PHD11N06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD11N06LT PHILIPS-PHD11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
More results

Similar Description - PHD11N06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP69N03LT PHILIPS-PHP69N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
PHP50N03LT PHILIPS-PHP50N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.800
PHP55N03LT PHILIPS-PHP55N03LT Datasheet
107Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP87N03LT PHILIPS-PHP87N03LT Datasheet
102Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
logo
Nexperia B.V. All right...
BSS123 NEXPERIA-BSS123 Datasheet
143Kb / 5P
   N-channel TrenchMOS transistor Logic level FET
August 2000
logo
NXP Semiconductors
PHB11N03LT PHILIPS-PHB11N03LT Datasheet
105Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
September 1999 Rev 1.000
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com