Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56F801-7UM Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DSP56F801-7UM
Description  16-bit Digital Signal Controllers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F801-7UM Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56F801-7UM Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F801-7UM Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
56F802 Technical Data, Rev. 9
8
Freescale Semiconductor
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the 56F802 are organized into functional groups, as shown in Table 2-1
and as illustrated in Figure 2-1. In Table 2-2 through Table 2-10, each table row describes the signal or
signals present on a pin.
Table 2-1 Functional Group Pin Allocations
Functional Group
Number of
Pins
Detailed
Description
Power (VDD or VDDA)
3
Table 2-2
Ground (VSS, VSSA, TCS)
4
Table 2-3
Supply Capacitors
2
Table 2-4
Program Control
1
Table 2-5
Pulse Width Modulator (PWM) Port and Fault Input
7
Table 2-6
Serial Communications Interface (SCI) Port1
1. Alternately, GPIO pins
2
Table 2-7
Analog-to-Digital Converter (ADC) Port (including VREF)
6
Table 2-8
Quad Timer Module Port
2
Table 2-9
JTAG/On-Chip Emulation (OnCE)
5
Table 2-10


Similar Part No. - DSP56F801-7UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F801-7UM MOTOROLA-DSP56F801-7UM Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
logo
NXP Semiconductors
DSP56F801-7UM NXP-DSP56F801-7UM Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
Motorola, Inc
DSP56F801-7UM MOTOROLA-DSP56F801-7UM Datasheet
858Kb / 44P
   56F801 16-bit Hybrid Controller
logo
NXP Semiconductors
DSP56F801-7UM NXP-DSP56F801-7UM Datasheet
1Mb / 40P
   16-bit Digital Signal Controllers
Rev. 9 01/2007
logo
Freescale Semiconductor...
DSP56F801-7UM FREESCALE-DSP56F801-7UM Datasheet
622Kb / 48P
   16-bit Digital Signal Controllers
More results

Similar Description - DSP56F801-7UM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com